Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16813 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16813
Description  ~60째 90째 beam optimized for 1.0 mm metal sheet or profile.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16813 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16813 Datasheet HTML 1Page - Ledil, Inc. F16813 Datasheet HTML 2Page - Ledil, Inc. F16813 Datasheet HTML 3Page - Ledil, Inc. F16813 Datasheet HTML 4Page - Ledil, Inc. F16813 Datasheet HTML 5Page - Ledil, Inc. F16813 Datasheet HTML 6Page - Ledil, Inc. F16813 Datasheet HTML 7Page - Ledil, Inc. F16813 Datasheet HTML 8Page - Ledil, Inc. F16813 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
F16813_LINNEA-60-PMMA
LINNEA-60-PMMA
~60° + 90° beam optimized for 1.0 mm metal
sheet or profile. Variant made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
285.0 x 40.0 mm
Height
9.5 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINNEA-60-PMMA
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F16813_LINNEA-60-PMMA
» Box size: 578 x 378 x 295 mm
180
30
30
8.5
Last update: 22/08/2019
Subject to change without prior notice
Published: 12/02/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - F16813

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16810 LEDIL-F16810 Datasheet
4Mb / 9P
Asymmetric beam for wall-washing optimized for 0.5 mm metal sheet or profile
F16811 LEDIL-F16811 Datasheet
20Mb / 9P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F16812 LEDIL-F16812 Datasheet
17Mb / 8P
~90째 90째 wide beam optimized for 0.5 mm metal sheet or profile
F16814 LEDIL-F16814 Datasheet
16Mb / 8P
~60째 90째 beam optimized for 0.5 mm metal sheet or profile.
F16816 LEDIL-F16816 Datasheet
3Mb / 2P
~35째 70째 oval beam optimized for 1.0 mm metal sheet or profile. Variant made from PMMA.
More results

Similar Description - F16813

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15999 LEDIL-F15999 Datasheet
2Mb / 9P
Double asymmetric beam optimized for 0.5 mm metal sheet or profile
F16636 LEDIL-F16636 Datasheet
5Mb / 6P
~60째 90째 beam
F16816 LEDIL-F16816 Datasheet
3Mb / 2P
~35째 70째 oval beam optimized for 1.0 mm metal sheet or profile. Variant made from PMMA.
F15523 LEDIL-F15523 Datasheet
12Mb / 13P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F16810 LEDIL-F16810 Datasheet
4Mb / 9P
Asymmetric beam for wall-washing optimized for 0.5 mm metal sheet or profile
F16811 LEDIL-F16811 Datasheet
20Mb / 9P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F16812 LEDIL-F16812 Datasheet
17Mb / 8P
~90째 90째 wide beam optimized for 0.5 mm metal sheet or profile
F16814 LEDIL-F16814 Datasheet
16Mb / 8P
~60째 90째 beam optimized for 0.5 mm metal sheet or profile.
F16842 LEDIL-F16842 Datasheet
3Mb / 10P
Asymmetric beam for wall-washing and 1.0 mm metal sheet or profile
F16845 LEDIL-F16845 Datasheet
3Mb / 9P
Asymmetric beam for uplighting optimized for 1.0 mm metal sheet or profile
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com