Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F17201 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F17201
Description  ~165째 130째 extra wide beam for uplighting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F17201 Datasheet(HTML) 1 Page - Ledil, Inc.

  F17201 Datasheet HTML 1Page - Ledil, Inc. F17201 Datasheet HTML 2Page - Ledil, Inc. F17201 Datasheet HTML 3Page - Ledil, Inc. F17201 Datasheet HTML 4Page - Ledil, Inc. F17201 Datasheet HTML 5Page - Ledil, Inc. F17201 Datasheet HTML 6Page - Ledil, Inc. F17201 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
F17201_LINDA-UP2
LINDA-UP2
~165° + 130° extra wide beam for uplighting
TECHNICAL SPECIFICATIONS:
Dimensions
25.4 x 1140.0 mm
Height
11.4 mm
Fastening
snaps
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINDA-UP2
Linear lens
PMMA
milky
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F17201_LINDA-UP2
» Box size: 1180 x 145 x 125 mm
70
70
70
9.8
Last update: 21/01/2020
Subject to change without prior notice
Published: 21/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - F17201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1720AA03 ETC2-F1720AA03 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1720DD20 ETC2-F1720DD20 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
More results

Similar Description - F17201

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AGF700 ARTESYN-AGF700 Datasheet
861Kb / 3P
Extra wide trim range
logo
Ledil, Inc.
C13746 LEDIL-C13746 Datasheet
1Mb / 4P
~165째 wide beam
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
~165째 wide beam. Assembly with installation tape.
C15247 LEDIL-C15247 Datasheet
2Mb / 5P
~90째 wide beam for industrial applications
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
F16845 LEDIL-F16845 Datasheet
3Mb / 9P
Asymmetric beam for uplighting optimized for 1.0 mm metal sheet or profile
CA13892 LEDIL-CA13892 Datasheet
2Mb / 5P
~90째 extra wide beam optimized for LUXEON M/MX
C16598 LEDIL-C16598 Datasheet
4Mb / 6P
~90째 wide beam for industrial applications
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com