Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN10784 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN10784
Description  ~9.6째 spot beam optimized for LedEngin LZ1(00XW00)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN10784 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN10784 Datasheet HTML 1Page - Ledil, Inc. FCN10784 Datasheet HTML 2Page - Ledil, Inc. FCN10784 Datasheet HTML 3Page - Ledil, Inc. FCN10784 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCN10784_LE1-RS
LE1-RS
~9.6°
spot
beam
optimized
for
LedEngin
LZ1(00XW00). 15.1 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
15.1 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LE1-RS
Single lens
PMMA
clear
LE-LH1
Holder
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCN10784_LE1-RS
» Box size:
Single lens
1632
0
96
0.0
Last update: 02/01/2017
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - FCN10784

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN10784 CREE-FCN10784 Datasheet
256Kb / 3P
Leila series
More results

Similar Description - FCN10784

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP10870 LEDIL-CP10870 Datasheet
2Mb / 4P
~9.6째 spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10808 LEDIL-FCN10808 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for CREE XR-E. 16.5 mm high assembly.
CA11481 LEDIL-CA11481 Datasheet
2Mb / 7P
~9.6째 spot beam optimized for CREE XP-E.
CA14503 LEDIL-CA14503 Datasheet
9Mb / 12P
~9.6째 spot beam optimized for CREE XP-E.
CP11631 LEDIL-CP11631 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XP-E
FA10661 LEDIL-FA10661 Datasheet
2Mb / 6P
~9.6째 spot beam optimized for CREE XP-E.
FCN10783 LEDIL-FCN10783 Datasheet
1Mb / 4P
~25째 medium beam optimized for LedEngin LZ1(00XW00)
CP17587 LEDIL-CP17587 Datasheet
1Mb / 4P
~9.6째 spot beam
FA11937 LEDIL-FA11937 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XM-L.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com