Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP11075 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11075
Description  ~20째 medium beam optimized for CREE XP-E.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11075 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11075 Datasheet HTML 1Page - Ledil, Inc. FP11075 Datasheet HTML 2Page - Ledil, Inc. FP11075 Datasheet HTML 3Page - Ledil, Inc. FP11075 Datasheet HTML 4Page - Ledil, Inc. FP11075 Datasheet HTML 5Page - Ledil, Inc. FP11075 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP11075_LISA2-M-CLIP
LISA2-M-CLIP
~20° medium beam optimized for CREE XP-E.
6.8 mm high variant with clip installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.8 mm
Fastening
glue, clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA2-M
Single lens
PMMA
clear
LISA2-HLD-CLIP16-XP
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP11075_LISA2-M-CLIP
» Box size:
Single lens
2000
300
100
1.4
Last update: 04/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - FP11075

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP11075 CREE-FP11075 Datasheet
273Kb / 6P
Lisa series
More results

Similar Description - FP11075

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10645 LEDIL-FA10645_18 Datasheet
2Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA12377 LEDIL-CA12377_18 Datasheet
9Mb / 11P
~30째 medium beam optimized for CREE XP-E.
CA11355 LEDIL-CA11355 Datasheet
1Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
~30째 medium beam optimized for CREE XP-E
CP10641 LEDIL-CP10641 Datasheet
1Mb / 5P
~20째 smooth spot beam optimized for CREE XP-E
FA11450 LEDIL-FA11450 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E
FCA12792 LEDIL-FCA12792 Datasheet
4Mb / 5P
~25째 medium beam optimized for CREE XP-E.
FA10665 LEDIL-FA10665 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E.
CA11017 LEDIL-CA11017 Datasheet
2Mb / 7P
~30째 medium beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com