Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12477 Datasheet(PDF) 12 Page - Ledil, Inc.

Part # C12477
Description  ~30째 medium beam
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12477 Datasheet(HTML) 12 Page - Ledil, Inc.

Back Button C12477 Datasheet HTML 8Page - Ledil, Inc. C12477 Datasheet HTML 9Page - Ledil, Inc. C12477 Datasheet HTML 10Page - Ledil, Inc. C12477 Datasheet HTML 11Page - Ledil, Inc. C12477 Datasheet HTML 12Page - Ledil, Inc. C12477 Datasheet HTML 13Page - Ledil, Inc. C12477 Datasheet HTML 14Page - Ledil, Inc. C12477 Datasheet HTML 15Page - Ledil, Inc. C12477 Datasheet HTML 16Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PRODUCT
DATASHEET
C12477_MIRELLA-50-M
PHOTOMETRIC DATA (MEASURED):
LED
MT-G2
FWHM
38.0°
Efficiency
83 %
Peak intensity
1.7 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
LED
MT-G2
FWHM
30.0°
Efficiency
90 %
Peak intensity
2.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
XHP50
FWHM
31.0°
Efficiency
86 %
Peak intensity
2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
LED
XHP50
FWHM
33.0°
Efficiency
86 %
Peak intensity
1.8 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com