Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP16563 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP16563
Description  ~18째 x 50째 oval beam with location pininstallation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16563 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP16563 Datasheet HTML 1Page - Ledil, Inc. FP16563 Datasheet HTML 2Page - Ledil, Inc. FP16563 Datasheet HTML 3Page - Ledil, Inc. FP16563 Datasheet HTML 4Page - Ledil, Inc. FP16563 Datasheet HTML 5Page - Ledil, Inc. FP16563 Datasheet HTML 6Page - Ledil, Inc. FP16563 Datasheet HTML 7Page - Ledil, Inc. FP16563 Datasheet HTML 8Page - Ledil, Inc. FP16563 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
FP16563_LISA3-O-PIN
LISA3-O-PIN
~18°
x
50°
oval
beam
with
location
pin
installation
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10.0 mm
Height
7.9 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA3-O
Single lens
PMMA
clear
LISA3-HLD-PIN
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP16563_LISA3-O-PIN
» Box size: 310 x 230 x 60 mm
Single lens
2000
300
100
1.3
Last update: 03/01/2020
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - FP16563

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
FP16563_LISA3-O-PIN ILS-FP16563_LISA3-O-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Double Stack
Version V1
FP16563_LISA3-O-PIN ILS-FP16563_LISA3-O-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Far Red
Version V1
More results

Similar Description - FP16563

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15993 LEDIL-FN15993 Datasheet
11Mb / 7P
~50째 30째 oval beam with holder A compatible
FN15997 LEDIL-FN15997 Datasheet
13Mb / 5P
~50째 30째 oval beam with holder B compatible
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
CP15307 LEDIL-CP15307 Datasheet
3Mb / 6P
~50째 wide beam and holder with location pins
FP11853 LEDIL-FP11853 Datasheet
2Mb / 3P
~20째 x 50째 oval beam optimized for LUXEON Rebel. Variant with beam direction rotated 90째.
C12837 LEDIL-C12837 Datasheet
2Mb / 7P
~100째 x 20째 oval beam. Assembly with location pins
C13016 LEDIL-C13016 Datasheet
2Mb / 8P
~100째 x 20째 oval beam. Assembly with location pins
CA12949 LEDIL-CA12949 Datasheet
4Mb / 9P
~50째 x 11째 oval beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
~15째 50째 oval beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com