Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP16612 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP16612
Description  ~20째 50째 ovat beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16612 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP16612 Datasheet HTML 1Page - Ledil, Inc. FP16612 Datasheet HTML 2Page - Ledil, Inc. FP16612 Datasheet HTML 3Page - Ledil, Inc. FP16612 Datasheet HTML 4Page - Ledil, Inc. FP16612 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FP16612_LISA3CSP-O-PIN
LISA3CSP-O-PIN
~20° + 50° ovat beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10.0 mm
Height
7.2 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA3-O
Single lens
PMMA
clear
LISA3-HLD2-PIN
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP16612_LISA3CSP-O-PIN
» Box size: 310 x 230 x 60 mm
Single lens
2000
300
100
1.3
Last update: 03/01/2020
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FP16612

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP16610 LEDIL-FP16610 Datasheet
2Mb / 5P
45째 wide beam
FP16611 LEDIL-FP16611 Datasheet
1Mb / 6P
~60째 wide beam
More results

Similar Description - FP16612

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13402 LEDIL-F13402 Datasheet
18Mb / 33P
~50째 wide beam
C10387 LEDIL-C10387 Datasheet
1Mb / 4P
~50째 wide beam
C10373 LEDIL-C10373 Datasheet
2Mb / 4P
~20째 medium beam
F16885 LEDIL-F16885 Datasheet
2Mb / 4P
~20째 medium beam
F15538 LEDIL-F15538 Datasheet
3Mb / 6P
~20째 beam
C12286 LEDIL-C12286 Datasheet
2Mb / 6P
~20째 medium beam
DAISY-8X1-W-MATT LEDIL-DAISY-8X1-W-MATT Datasheet
3Mb / 5P
~50째 wide beam
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
FA11207 LEDIL-FA11207 Datasheet
2Mb / 6P
~50째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com