Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853031AYLF Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS853031AYLF
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853031AYLF Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS853031AYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 10Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 11Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 12Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 13Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 14Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 15Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 16Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
853031AY
www.icst.com/products/hiperclocks.html
REV. B SEPTEMBER 16, 2004
13
Integrated
Circuit
Systems, Inc.
ICS853031
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
APPLICATION SCHEMATIC EXAMPLE
R5
50
R2
82.5
nQ8
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Q8
R8
50
(U1-32)
Zo = 50 Ohm
3.3V
VCCO
C1
0.1uF
C6
0.1uF
(U1-17)
Zo = 50 Ohm
R10
50
VCC = 3.3V
CLK_SEL
Optional
Y-Termination
R9
50
+
-
Zo = 50 Ohm
C3
0.1uF
LVPECL
(U1-9)
R3
133
C4
0.1uF
C2
0.1uF
C5
0.1uF
R1
133
R7
50
R11
50
VCCO = 3.3V
R4
82.5
(U1-25)
nQ0
VCCO = 3.3V
VCC = 3.3V
(U1-24)
Q0
(U1-16)
C7
0.1uF
Zo = 50 Ohm
U1
ICS853031
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VCC
CLK
nCLK
CLK_SEL
PCLK
nPCLK
VEE
CLK_EN
VCCO
nQ5
Q5
nQ4
Q4
nQ3
Q3
VCCO
R6
50
Figure 7 shows an example of ICS853031 application schematic.
In this example, the device is operated at V
CC=3.3V. The
decoupling capacitor should be located as close as possible to
the power pin. The input is driven by a 3.3V LVPECL driver. Only
two terminations examples are shown in this schematic. For
more termination approaches, please refer to the LVPECL Ter-
mination Application Note.
FIGURE 7. ICS853031 SCHEMATIC EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com