Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-RX1133 Datasheet(PDF) 3 Page - Yellow Stone Corp

Part # BL-RX1133
Description  STANDARD LED LAMPS (RECTANGULAR TYPES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-RX1133 Datasheet(HTML) 3 Page - Yellow Stone Corp

  BL-RX1133 Datasheet HTML 1Page - Yellow Stone Corp BL-RX1133 Datasheet HTML 2Page - Yellow Stone Corp BL-RX1133 Datasheet HTML 3Page - Yellow Stone Corp BL-RX1133 Datasheet HTML 4Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STANDARD LED LAMPS (RECTANGULAR TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λ
P
(nm)
Lens
Appearance
Δ
λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ
Viewing
Angle
2
θ 1⁄2
(deg)
Drawing
No.
BL-R5132R
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.2
BL-R4532R
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
8.0
BL-R2132R
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
BL-R3132R
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
7.0
BL-R4132R
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
8.0
1.9x5.0x
6.8mm
1.0
″ Lead
Rectangular
BL-RX1132R
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
12.0
140
L-033
BL-R5432T
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
30.0
BL-R4632T
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
80.0
BL-R2432T
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
80.0
BL-R3432T
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
70.0
BL-R4432T
GaAsP/GaP/Orange
635
Orange Trans
45
80
30
150
2.0
2.6
80.0
2.4x5.0x
8.6mm
1.0
″ Lead
Rectangular
BL-RX1432T
GaP/GaP/Hi-Eff Green
568
Green Trans
30
100
30
150
2.2
2.6
100
40
L-034
BL-R5133
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
0.8
BL-R4533
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
5.0
BL-R2133
GaP/Gap/Green
568
Green Diffused
30
80
30
150
2.2
2.6
5.0
BL-R3133
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
4.0
BL-R4133
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
5.0
1.4x4.7x
7.0mm
1.0
″ Lead
Rectangular
BL-RX1133
GaP/Gap/Pure Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
125
L-035
BL-R5130
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-R4530
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
7.0
BL-R2130
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
7.0
BL-R3130
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
6.0
5.0x5.0x
7.1mm
1.0
″ Lead
Rectangular
BL-R4130
GaAsP/GaP/Orange
635
Orange Diffused
25
80
30
150
2.0
2.6
7.0
150
L-036
BL-R5130N
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-R4530N
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
7.0
BL-R2130N
GaP/Gap/Green
568
30
80
30
150
2.2
2.6
7.0
BL-RX1130N
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
10.0
BL-R3130N
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
6.0
5.0x5.0x
7.1mm
1.0
″ Lead
Rectangular
BL-R4130N
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
7.0
150
L-037
BL-R513P
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
2.0
BL-R453P
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
8.0
BL-R213P
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
8.0
BL-RX113P
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
11.0
BL-R313P
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
7.0
3.7x6.3x
6.8mm
1.0
″ Lead
Rectangular
BL-R413P
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
8.0
120
L-038
BL-R513T
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-R453T
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
6.0
BL-R213T
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
6.0
BL-RX113T
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
BL-R313T
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
5.0
3.6x3.6x
7.2mm
1.0
″ Lead
Rectangular
BL-R413T
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
6.0
120
L-039



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com