Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C17413 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17413
Description  Slightly asymmetric ~40째 spot beam with minimum spill light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17413 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17413 Datasheet HTML 1Page - Ledil, Inc. C17413 Datasheet HTML 2Page - Ledil, Inc. C17413 Datasheet HTML 3Page - Ledil, Inc. C17413 Datasheet HTML 4Page - Ledil, Inc. C17413 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C17413_SPORT-2X2-S4
SPORT-2X2-S4
Slightly
asymmetric
~40°
spot
beam
with
minimum spill light
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
14.4 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
SPORT-2X2-S4
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C17413_SPORT-2X2-S4
» Box size: 480 x 280 x 300 mm
476
140
28
10.2
Last update: 02/07/2020
Subject to change without prior notice
Published: 07/07/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C17413

ManufacturerPart #DatasheetDescription
logo
Rohm
C1741 ROHM-C1741 Datasheet
97Kb / 3P
Medium Power Transistor (50V,0.5A)
logo
Ledil, Inc.
C17410 LEDIL-C17410 Datasheet
2Mb / 7P
Narrow forward throw beam with optimized cut-off for high masts
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
C17414 LEDIL-C17414 Datasheet
1Mb / 5P
Slightly asymmetric ~60째 spot beam with minimum spill light
logo
Rohm
C1741S ROHM-C1741S Datasheet
71Kb / 4P
Medium Power Transistor (32V, 0.5A)
More results

Similar Description - C17413

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14523 LEDIL-CA14523 Datasheet
2Mb / 9P
Asymmetric beam.
C14522 LEDIL-C14522 Datasheet
1Mb / 6P
Asymmetric beam
F15539 LEDIL-F15539 Datasheet
2Mb / 6P
~40째 beam
CA14506 LEDIL-CA14506 Datasheet
2Mb / 8P
~8.5째 spot beam with light, black holder
CA14508 LEDIL-CA14508 Datasheet
2Mb / 7P
~14째 diffused spot beam with light, black holder
C12501 LEDIL-C12501 Datasheet
7Mb / 7P
~40째 wide beam
C12512 LEDIL-C12512 Datasheet
2Mb / 5P
Asymmetric beam
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
C17414 LEDIL-C17414 Datasheet
1Mb / 5P
Slightly asymmetric ~60째 spot beam with minimum spill light
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com