Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14143 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14143
Description  IESNA Type III (medium) beam for roads
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14143 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14143 Datasheet HTML 1Page - Ledil, Inc. CS14143 Datasheet HTML 2Page - Ledil, Inc. CS14143 Datasheet HTML 3Page - Ledil, Inc. CS14143 Datasheet HTML 4Page - Ledil, Inc. CS14143 Datasheet HTML 5Page - Ledil, Inc. CS14143 Datasheet HTML 6Page - Ledil, Inc. CS14143 Datasheet HTML 7Page - Ledil, Inc. CS14143 Datasheet HTML 8Page - Ledil, Inc. CS14143 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT
DATASHEET
CS14143_STRADA-IP-2X6-T3
STRADA-IP-2X6-T3
IESNA Type III (medium) beam for roads that are
equal to or wider than mounting height
TECHNICAL SPECIFICATIONS:
Dimensions
71.4 x 173.0 mm
Height
8.5 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-2X6-T3
Multi-lens
PMMA
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS14143_STRADA-IP-2X6-T3
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
7.4
Last update: 20/12/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/17


Similar Part No. - CS14143

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14143 CREE-CS14143 Datasheet
2Mb / 42P
Strada series
More results

Similar Description - CS14143

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15871 LEDIL-CS15871 Datasheet
7Mb / 6P
IESNA Type III Medium beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C10818 LEDIL-C10818 Datasheet
1,010Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
C12219 LEDIL-C12219 Datasheet
916Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
CA10823 LEDIL-CA10823 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads
CS17255 LEDIL-CS17255 Datasheet
3Mb / 4P
IESNA Type III Medium beam for long pole distances
FN15180 LEDIL-FN15180 Datasheet
3Mb / 11P
IESNA Type III (medium) beam for roads that are equal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com