Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14144 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14144
Description  Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14144 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14144 Datasheet HTML 1Page - Ledil, Inc. CS14144 Datasheet HTML 2Page - Ledil, Inc. CS14144 Datasheet HTML 3Page - Ledil, Inc. CS14144 Datasheet HTML 4Page - Ledil, Inc. CS14144 Datasheet HTML 5Page - Ledil, Inc. CS14144 Datasheet HTML 6Page - Ledil, Inc. CS14144 Datasheet HTML 7Page - Ledil, Inc. CS14144 Datasheet HTML 8Page - Ledil, Inc. CS14144 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT
DATASHEET
CS14144_STRADA-IP-2X6-ME
STRADA-IP-2X6-ME
Beam with excellent longitudinal luminance
uniformity
fulfilling
EN13201
M-class
requirements where road width is equal to or
less than the pole height
TECHNICAL SPECIFICATIONS:
Dimensions
71.4 x 173.0 mm
Height
8.4 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-2X6-ME
Multi-lens
PMMA
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS14144_STRADA-IP-2X6-ME
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
7.3
Last update: 20/12/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/17


Similar Part No. - CS14144

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14144 CREE-CS14144 Datasheet
2Mb / 33P
Strada series
More results

Similar Description - CS14144

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16134 LEDIL-C16134 Datasheet
2Mb / 6P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
C13996 LEDIL-C13996 Datasheet
1Mb / 4P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C14515 LEDIL-C14515 Datasheet
2Mb / 4P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
C14164 LEDIL-C14164 Datasheet
4Mb / 18P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
Beam with excellent longitudinal luminance uniformity
C16926 LEDIL-C16926 Datasheet
3Mb / 12P
Excellent longitudinal luminance uniformity EN13201 M-class
C16927 LEDIL-C16927 Datasheet
3Mb / 12P
Excellent longitudinal luminance uniformity for EN13201 M-class
CA14026 LEDIL-CA14026 Datasheet
1Mb / 8P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C17222 LEDIL-C17222 Datasheet
2Mb / 5P
Excellent longitudinal luminance uniformity for EN13201 M-class
C17223 LEDIL-C17223 Datasheet
2Mb / 5P
Excellent longitudinal luminance uniformity for EN13201 M-class
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com