Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16974 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16974
Description  IESNA Type III (medium) beam with excellent backlight control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16974 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16974 Datasheet HTML 1Page - Ledil, Inc. CS16974 Datasheet HTML 2Page - Ledil, Inc. CS16974 Datasheet HTML 3Page - Ledil, Inc. CS16974 Datasheet HTML 4Page - Ledil, Inc. CS16974 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS16974_STRADA-IP-16MX-T3-M
STRADA-IP-16MX-T3-M
IESNA Type III (medium) beam with excellent
backlight control, illuminance uniformity and
cutoff.
TECHNICAL SPECIFICATIONS:
Dimensions
90.0 mm
Height
8.6 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-16MX-T3-M
Multi-lens
PMMA
clear
STRADA-IP-8MX-SEAL
Seal
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS16974_STRADA-IP-16MX-T3-M
» Box size: 480 x 280 x 300 mm
Multi-lens
156
52
52
6.3
Last update: 11/09/2019
Subject to change without prior notice
Published: 15/05/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS16974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16973 LEDIL-CS16973 Datasheet
3Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16975 LEDIL-CS16975 Datasheet
3Mb / 4P
IESNA Type II (medium) beam with excellent backlight control
More results

Similar Description - CS16974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16505 LEDIL-C16505 Datasheet
2Mb / 5P
IESNA Type III Medium beam with excellent back light control
CS15871 LEDIL-CS15871 Datasheet
7Mb / 6P
IESNA Type III Medium beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C14948 LEDIL-C14948 Datasheet
1Mb / 6P
IESNA Type III (medium) beam with minimized backlight.
CA14949 LEDIL-CA14949 Datasheet
2Mb / 8P
IESNA Type III (medium) beam with minimized backlight
C17065 LEDIL-C17065 Datasheet
2Mb / 7P
IESNA Type III (medium) beam with excellent back light control,
CS16975 LEDIL-CS16975 Datasheet
3Mb / 4P
IESNA Type II (medium) beam with excellent backlight control
C17313 LEDIL-C17313 Datasheet
2Mb / 5P
IESNA Type III (medium) beam with excellent back light control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com