Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS17068 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS17068
Description  IESNA Type IV beam for wider roads and large outdoor area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS17068 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS17068 Datasheet HTML 1Page - Ledil, Inc. CS17068 Datasheet HTML 2Page - Ledil, Inc. CS17068 Datasheet HTML 3Page - Ledil, Inc. CS17068 Datasheet HTML 4Page - Ledil, Inc. CS17068 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS17068_STRADA-IP-16MX-T4
STRADA-IP-16MX-T4
IESNA Type IV beam for wider roads and large
outdoor area
TECHNICAL SPECIFICATIONS:
Dimensions
90.0 mm
Height
8.6 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-16MX-T4
Multi-lens
PMMA
clear
STRADA-IP-8MX-SEAL
Seal
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS17068_STRADA-IP-16MX-T4
» Box size: 480 x 280 x 300 mm
Multi-lens
156
52
52
6.7
Last update: 27/01/2020
Subject to change without prior notice
Published: 08/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS17068

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS170-C246 DFI-CS170-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-H310 DFI-CS170-H310 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-Q370 DFI-CS170-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
logo
List of Unclassifed Man...
CS1702 ETC-CS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Ledil, Inc.
CS17070 LEDIL-CS17070 Datasheet
2Mb / 5P
Type II/III (long) beam for very wide pole to pole distances
More results

Similar Description - CS17068

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN16358 LEDIL-FN16358 Datasheet
8Mb / 5P
IESNA Type IV light distribution for wider roads and large outdoor areas
CA14032 LEDIL-CA14032_18 Datasheet
2Mb / 8P
IESNA Type IV beam for wider roads and large outdoor areas.
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
F15383 LEDIL-F15383 Datasheet
4Mb / 5P
IESNA Type IV light distribution for wider roads
F14326 LEDIL-F14326 Datasheet
3Mb / 7P
IESNA Type IV light distribution for wider roads and large outdoor areas
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
IESNA Type IV light distribution for wider roads and large outdoor areas
F15384 LEDIL-F15384 Datasheet
2Mb / 4P
IESNA Type IV light distribution for wider roads and large outdoor areas
FN14645 LEDIL-FN14645 Datasheet
4Mb / 11P
IESNA Type IV for wider roads and area lighting like car parks and gardens.
FN15187 LEDIL-FN15187 Datasheet
3Mb / 10P
IESNA Type IV for wider roads and area lighting like car parks and gardens
C17086 LEDIL-C17086 Datasheet
2Mb / 5P
IESNA Type IV for wider roads and area lighting like car parks and yards.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com