Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS17259 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS17259
Description  Wide IESNA Type IV beam with forward-throw beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS17259 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS17259 Datasheet HTML 1Page - Ledil, Inc. CS17259 Datasheet HTML 2Page - Ledil, Inc. CS17259 Datasheet HTML 3Page - Ledil, Inc. CS17259 Datasheet HTML 4Page - Ledil, Inc. CS17259 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS17259_STRADA-IP-2X6-T4-B-PC
STRADA-IP-2X6-T4-B-PC
Wide IESNA Type IV beam with forward-throw
beam for wide area lighting like car parks.
Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
71.4 x 173.0 mm
Height
10.6 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-2X6-T4-B-PC
Multi-lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS17259_STRADA-IP-2X6-T4-B-PC
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
8.0
Last update: 29/10/2019
Subject to change without prior notice
Published: 28/10/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS17259

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS17255 LEDIL-CS17255 Datasheet
3Mb / 4P
IESNA Type III Medium beam for long pole distances
More results

Similar Description - CS17259

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16254 LEDIL-C16254 Datasheet
1Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
C15960 LEDIL-C15960 Datasheet
2Mb / 6P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CA16249 LEDIL-CA16249 Datasheet
2Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C16464 LEDIL-C16464 Datasheet
1Mb / 3P
Wide IESNA Type IV forward-throuw beam
C15014 LEDIL-C15014 Datasheet
5Mb / 21P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS15158 LEDIL-CS15158 Datasheet
5Mb / 19P
Wide IESNA Type IV beam with forward-throw beam
CS16578 LEDIL-CS16578 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS16582 LEDIL-CS16582 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com