Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS17261 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS17261
Description  Type II/III (long) beam for very wide pole to pole distances
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS17261 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS17261 Datasheet HTML 1Page - Ledil, Inc. CS17261 Datasheet HTML 2Page - Ledil, Inc. CS17261 Datasheet HTML 3Page - Ledil, Inc. CS17261 Datasheet HTML 4Page - Ledil, Inc. CS17261 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS17261_STRADA-IP-2X6-SCL-PC
STRADA-IP-2X6-SCL-PC
Type II/III (long) beam for very wide pole to pole
distances.
Ideal
for
pedestrian
paths
and
residential roads. EN13201 P-classes. Variant
made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
173.0 x 71.4 mm
Height
9.6 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-2X6-SCL-PC
Multi-lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS17261_STRADA-IP-2X6-SCL-PC
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
8.0
Last update: 27/01/2020
Subject to change without prior notice
Published: 13/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS17261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS172026 ETC-CS172026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS172060 ETC-CS172060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS172075 ETC-CS172075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS172090 ETC-CS172090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS172125 ETC-CS172125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS17261

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16119 LEDIL-C16119 Datasheet
2Mb / 5P
Type II/III (long) beam for very wide pole to pole distances.
C15677 LEDIL-C15677 Datasheet
2Mb / 6P
Type II/III (long) beam for very wide pole to pole distances
CS15761 LEDIL-CS15761 Datasheet
4Mb / 6P
Type II/III (Long) beam for very wide pole to pole distances
C16014 LEDIL-C16014 Datasheet
6Mb / 5P
Type II/III (long) beam for very wide pole to pole distances
CS16690 LEDIL-CS16690 Datasheet
5Mb / 4P
Type II/III (long) beam for very wide pole to pole distances
CS16691 LEDIL-CS16691 Datasheet
5Mb / 4P
Type II/III (long) beam for very wide pole to pole distances
C16473 LEDIL-C16473 Datasheet
3Mb / 4P
Type II/III (long) beam for very wide pole to pole distances.
CS16881 LEDIL-CS16881 Datasheet
3Mb / 5P
Type II/III (long) beam for very wide pole to pole distances
C16959 LEDIL-C16959 Datasheet
2Mb / 7P
Type II/III (long) beam for very wide pole to pole distances
C17314 LEDIL-C17314 Datasheet
2Mb / 4P
Type II/III (long) beam for very wide pole to pole distances
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com