Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN13323 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN13323
Description  Type ll and lll beam for street lighting.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN13323 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN13323 Datasheet HTML 1Page - Ledil, Inc. FN13323 Datasheet HTML 2Page - Ledil, Inc. FN13323 Datasheet HTML 3Page - Ledil, Inc. FN13323 Datasheet HTML 4Page - Ledil, Inc. FN13323 Datasheet HTML 5Page - Ledil, Inc. FN13323 Datasheet HTML 6Page - Ledil, Inc. FN13323 Datasheet HTML 7Page - Ledil, Inc. FN13323 Datasheet HTML 8Page - Ledil, Inc. FN13323 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT
DATASHEET
FN13323_STELLA-A
STELLA-A
Type
ll
and
lll
beam
for
street
lighting.
Compatible with up to 23 mm LES size COBs.
Variant with black frame.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 90.0 mm
Height
22 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STELLA-A
Single lens
Silicone
clear
STELLA-FRAME
Holder
PA66
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FN13323_STELLA-A
» Box size:
Single lens
100
50
10
6.6
Last update: 20/12/2018
Subject to change without prior notice
Published: 13/09/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/12


Similar Part No. - FN13323

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
More results

Similar Description - FN13323

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15188 LEDIL-FN15188 Datasheet
9Mb / 8P
~25째 street beam for warehouse and outdoor lighting. White version
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C16029 LEDIL-C16029 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
CA10967 LEDIL-CA10967 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks
C14991 LEDIL-C14991 Datasheet
5Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C11252 LEDIL-C11252 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C13023 LEDIL-C13023 Datasheet
1Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
CS15751 LEDIL-CS15751 Datasheet
3Mb / 11P
Universal road lighting (typically IESNA Type lll medium) beam
FN14253 LEDIL-FN14253 Datasheet
6Mb / 10P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com