Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14645 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN14645
Description  IESNA Type IV for wider roads and area lighting like car parks and gardens.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14645 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN14645 Datasheet HTML 1Page - Ledil, Inc. FN14645 Datasheet HTML 2Page - Ledil, Inc. FN14645 Datasheet HTML 3Page - Ledil, Inc. FN14645 Datasheet HTML 4Page - Ledil, Inc. FN14645 Datasheet HTML 5Page - Ledil, Inc. FN14645 Datasheet HTML 6Page - Ledil, Inc. FN14645 Datasheet HTML 7Page - Ledil, Inc. FN14645 Datasheet HTML 8Page - Ledil, Inc. FN14645 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
FN14645_STELLA-T4
STELLA-T4
IESNA Type IV for wider roads and area lighting
like car parks and gardens. Compatible with up
to 23 mm LES size COBs. Variant with black
frame.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 90.0 mm
Height
26.9 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STELLA-T4
Single lens
Silicone
clear
STELLA-FRAME
Holder
PA66
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FN14645_STELLA-T4
» Box size: 480 x 280 x 300 mm
Single lens
135
135
15
7.1
Last update: 25/02/2019
Subject to change without prior notice
Published: 13/09/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Similar Part No. - FN14645

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
More results

Similar Description - FN14645

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN16480 LEDIL-FN16480 Datasheet
6Mb / 3P
IESNA Type IV for wider roads and area lighting like car parks and yards. White version.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
C15960 LEDIL-C15960 Datasheet
2Mb / 6P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15014 LEDIL-C15014 Datasheet
5Mb / 21P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS17068 LEDIL-CS17068 Datasheet
2Mb / 5P
IESNA Type IV beam for wider roads and large outdoor area
FN15187 LEDIL-FN15187 Datasheet
3Mb / 10P
IESNA Type IV for wider roads and area lighting like car parks and gardens
C17086 LEDIL-C17086 Datasheet
2Mb / 5P
IESNA Type IV for wider roads and area lighting like car parks and yards.
CS16578 LEDIL-CS16578 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS16582 LEDIL-CS16582 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com