Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14976 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN14976
Description  Universal road lighting (IESNA Type II Medium) beam
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14976 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN14976 Datasheet HTML 1Page - Ledil, Inc. FN14976 Datasheet HTML 2Page - Ledil, Inc. FN14976 Datasheet HTML 3Page - Ledil, Inc. FN14976 Datasheet HTML 4Page - Ledil, Inc. FN14976 Datasheet HTML 5Page - Ledil, Inc. FN14976 Datasheet HTML 6Page - Ledil, Inc. FN14976 Datasheet HTML 7Page - Ledil, Inc. FN14976 Datasheet HTML 8Page - Ledil, Inc. FN14976 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT
DATASHEET
FN14976_STELLA-DWC2
STELLA-DWC2
Universal road lighting (IESNA Type II Medium)
beam with excellent mixed illuminance and
luminance uniformity. Compatible with up to 23
mm LES size COBs. Variant with black frame..
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 90.0 mm
Height
19.3 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STELLA-DWC2
Single lens
Silicone
clear
STELLA-FRAME
Holder
PA66
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FN14976_STELLA-DWC2
» Box size: 480 x 280 x 300 mm
Single lens
135
135
15
7.1
Last update: 20/12/2018
Subject to change without prior notice
Published: 13/09/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/15


Similar Part No. - FN14976

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
More results

Similar Description - FN14976

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15189 LEDIL-FN15189 Datasheet
7Mb / 7P
Universal road lighting (IESNA Type II Medium) beam with excellent mixed illuminance and luminance uniformity
C12449 LEDIL-C12449 Datasheet
3Mb / 5P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
C13140 LEDIL-C13140 Datasheet
3Mb / 4P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
C15035 LEDIL-C15035 Datasheet
6Mb / 10P
IESNA Type III (medium) beam for typical road lighting setups
CS12862 LEDIL-CS12862_18 Datasheet
7Mb / 12P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance and luminance uniformity.
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
CS15055 LEDIL-CS15055 Datasheet
7Mb / 6P
Universal road lighting (typically IESNA Type III medium) beam
C14517 LEDIL-C14517 Datasheet
1Mb / 4P
Universal road lighting beam
CS15751 LEDIL-CS15751 Datasheet
3Mb / 11P
Universal road lighting (typically IESNA Type lll medium) beam
C16039 LEDIL-C16039 Datasheet
2Mb / 6P
IESNA Type III (medium) beam for typical road lighting setups
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com