Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R5130N Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-R5130N
Description  STANDARD LED LAMPS (RECTANGULAR TYPES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R5130N Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-R5130N Datasheet HTML 1Page - Yellow Stone Corp BL-R5130N Datasheet HTML 2Page - Yellow Stone Corp BL-R5130N Datasheet HTML 3Page - Yellow Stone Corp BL-R5130N Datasheet HTML 4Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STANDARD LED LAMPS (RECTANGULAR TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Viewing
Angle
2
θ 1/2
(deg)
Drawing
No.
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λp
(nm)
Lens
Appearance
∆λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ.
BL-R5131
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-R4531
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
7.0
BL-R2131
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
7.0
BL-R3131
GaAsP/GaAs/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
6.0
BL-R4131
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
7.0
2.0x4.0x
7.0mm
1.0
″ Lead
Rectangular
Flangeless
BL-R9131
GaP/GaP/Pure Green
555
Green Diffused
25
80
30
150
2.2
2.6
1.0
120
L-025
BL-R5421D
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
6.0
BL-R4621D
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
12.0
BL-R2421D
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
12.0
BL-R3421D
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
10.0
BL-R4421D
GaAsP/GaP/Orange
635
Orange Trans
25
80
30
150
2.0
2.6
12.0
1.3x4.0x
4.0mm
1.0
″ Lead
Rectangular
BL-R9421D
GaP/GaP/Pure Green
555
Green Trans
30
80
30
150
2.2
2.6
1.0
80
L-026
BL-R5121F
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
0.6
BL-R4521F
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
3.0
BL-R2121F
GaP/Gap/Green
568
Green Diffused
30
80
30
150
2.2
2.6
3.0
BL-R3121F
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
2.5
1.9x3.1x
4.0mm
0.5
″ Lead
Rectangular
BL-R4121F
GaAsP/GaP/Orange
635
Orange Diffused
25
80
30
150
2.0
2.6
3.0
120
L-027
BL-R5421G
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
0.6
BL-R4621G
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
3.5
BL-R2421G
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
3.5
1.2x3.4x
4.0mm
0.5
″ Lead
Rectangular
BL-R3421G
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
3.0
60
L-028
BL-R5141H
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-R4541H
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
4.0
BL-R2141H
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
4.0
BL-R3141H
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
3.0
BL-R4141H
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
4.0
1.7x4.0x
6.9mm
1.0
″ Lead
Rectangular
BL-R9141H
GaP/GaP/Pure Green
555
Green Diffused
25
80
30
150
2.2
2.6
0.5
140
L-029
BL-R5132
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
6.0
BL-R4632
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
10.0
BL-R2132
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
10.0
BL-R3132
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
8.0
BL-R4132
GaAsP/GaP/Orange
635
Orange Diffused
25
80
30
150
2.0
2.6
10.0
2.0x5.0x
7.8mm
1.0
″ Lead
Rectangular
BL-R9132
GaP/GaP/Pure Green
555
Green Diffused
30
80
30
150
2.2
2.6
1.5
120
L-030
BL-R5132B
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
0.8
BL-R4532B
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
5.0
BL-R2132B
GaP/Gap/Green
568
Green Diffused
30
80
30
150
2.2
2.6
5.0
BL-R3132B
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
4.0
2.0x5.0x
7.5mm
1.0
″ Lead
Rectangular
BL-R4132B
GaAsP/GaP/Orange
635
Orange Diffused
25
80
30
150
2.0
2.6
0.4
120
L-031
BL-R5132C
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
0.8
BL-R4532C
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
4.0
BL-R2132C
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
4.0
2.5x5.1x
5.4mm
1.0
″ Lead
Rectangular
BL-R3132C
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
3.0
130
L-032


Similar Part No. - BL-R5130N

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R5130 YSTONE-BL-R5130 Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R5130A-T YSTONE-BL-R5130A-T Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R5130N

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R1132D YSTONE-BL-R1132D Datasheet
641Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
STANDARD LED LAMPS (CYLINDRICAL TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-R1141H YSTONE-BL-R1141H Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com