Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R87F Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 20Page - Omron Electronics LLC R87F Datasheet HTML 21Page - Omron Electronics LLC R87F Datasheet HTML 22Page - Omron Electronics LLC R87F Datasheet HTML 23Page - Omron Electronics LLC R87F Datasheet HTML 24Page - Omron Electronics LLC R87F Datasheet HTML 25Page - Omron Electronics LLC R87F Datasheet HTML 26Page - Omron Electronics LLC R87F Datasheet HTML 27Page - Omron Electronics LLC R87F Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
Filters
R87F-FL
Accessories (Order Separately)
Available Models
Filter
Note: The filter contains one medium.
Media
Note: Use the following model number to order the Media only.
R87F-FL
@-M@ (@: 120, 90, or 80)
(One set containing five Media, weight: 5 g max.)
Applicable Axial Fans
Note: Filters reduce the flow rate by approximately 20% to 40%.
Ensure that there is no clogging.
Size
Model number
Weight (g)
120
× 120
R87F-FL120
Approx. 43
92
× 92
R87F-FL90
Approx. 30
80
× 80
R87F-FL80
Approx. 21
120
× 120
R87F-FL120S
Approx. 19
Size
Model number
120
× 120
R87F-FL120-M120
92
× 92
R87F-FL90-M90
80
× 80
R87F-FL80-M80
AC Axial Fan
Filter
Size
Model
Plastic
Aluminum
150 dia.
R87T-A
@A0 Series
---
---
120
× 120
R89F-DS1225
@ series
R87F-FL120
R87F-FL120S
R89F-DS1238
@ series
R89F-MS1238HP
R87F-A
@A1 Series
R87T-A
@A1 Series
92
× 92
R87F-A
@A9 Series
R87F-FL90
---
80
× 80
R87F-A
@A8 Series
R87T-A
@A8 Series
R87F-FL80
---
Plastic filter
Guard
Media
Retainer
R87F-FL
@
Plastic Filter
Mounting Method
1. Attach the guard to the Fan using the
mounting bolts. (There are no mounting
bolts provided with the Plastic Filter.)
2. With the media held between the retainer
and the guard, hook the retainer to the
guard. (The Media and retainer can be
one-touch mounted/dismounted.)
Screen filter
R87F-FL120S
Screen Filter
Dimensions
(Unit: mm)
123.7
123.7
10.5
Four, 4.5-dia.
104.8
118
6.3
104.8
118
R87F-FL120
96.5
96.5
82.5
93.5
Four, 3.8 dia.
10.5
82.5
93.5
R87F-FL90
83.5
83.5
71.3
80
Four, 4.5-dia.
5.8
10
71.3
80
R87F-FL80
2
4
Aluminum frame
Stainless
steel
screen
Four,
4.3 dia.
119.5±0.5
119.5±0.5
104.8±0.3
104.8±0.3
R87F-FL120S
Note: 1. The Screen Filter is
made using aluminium
and has an EMI/RFI
shielding effect.
2. When mounting the
Screen Filter, make sure
that it does not come in
contact with the fan
blades.
3. The screen is a 30
× 30
aluminum mesh.
(30 aluminum wires per inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com