Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491 Datasheet(PDF) 2 Page - Dc Components

Part # FMMT491
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FMMT491 Datasheet(HTML) 2 Page - Dc Components

  FMMT491 Datasheet HTML 1Page - Dc Components FMMT491 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMMT491
Electrical Characteristic Curves
R
DC COMPONENTS CO., LTD.
0
50
100
10
0
5
IB=0
µA
100
200
400
500
600
300
COLLECTOR-EMITTER VOLTAGE : V CE(V)
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic (mA)
Ta
=25°C
VCE
=10V
Gain bandwidth product
vs. collector current
0.1
0.3
1
3
10
30
100
300
100
200
300
400
500
125 °C
25 °C
- 40 °C
V
= 5V
CE
110
100
500
0.1
0.2
0.3
0.4
25 °C
β = 10
125 °C
600
Typical Output Characteristics
DC Current Transfer Ratio vs.
Collector Current
Collector Emitter Saturation vs.
Collector Current
COLLECTOR CURRENT : Ic (mA)
COLLECTOR CURRENT : Ic (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com