Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591 Datasheet(PDF) 1 Page - Dc Components

Part # FMMT591
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FMMT591 Datasheet(HTML) 1 Page - Dc Components

  FMMT591 Datasheet HTML 1Page - Dc Components FMMT591 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMMT591
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Pinning
1 = Base
2 = Emitter
3 = Collector
SOT-23
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Total Power Dissipation
PD
250
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25
o
C)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
- 80
-
-
V
IC=-100
µA
Collector-Emitter Breakdown Voltage
BVCEO
- 60
-
-
V
IC=-10mA
Emitter-Base Breakdown Volatge
BVEBO
- 5
-
-
V
IE=-100
µA
Collector Cutoff Current
ICBO
-
-
-100
nA
VCB=-60V, IE =0V
Collector-Emitter Saturation Voltage
(1)
VCE(sat)1
-
-
-0.25
V
IC=-500mA, IB=-50mA
VCE(sat)2
-
-
-0.5
V
IC=-1000mA, IB =-100mA
Base-Emitter Voltage
(1)
VBE(sat)1
-
-
-1.1
V
IC=-1000mA, IB =-100mA
VBE
-
-
-1
V
VCE =-5V, IE =-1A
hFE1
100
-
-
-
IC=-1mA, VCE =-5V
hFE2
100
-
300
-
IC=-500mA, VCE =-5V
DC Current Gain
(1)
hFE3
80
-
-
-
IC=-1A, VCE =-5V
hFE4
30
-
-
IC=-2A, VCE =-5V
Transition Frequency
fT
150
-
-
MHz
IC=-20mA, VCE=-10V, f=100MHz
Output Capacitance
Cob
-
-
10
pF
VCB=-5V, f=1MHz
Electrical Characteristics
(Ratings at 25
oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
.091(2.3)
.067(1.7)
Dimensions in inches and (millimeters)
.063(1.6)
.047(1.2)
.110(2.8)
.083(2.1)
.045(1.2)
.034(0.9)
.118(3.0)
.110(2.8)
.020(0.5)
.012(0.3)
.008(0.2)
.004(0.1)
.004
(0.10)
.051(1.3)
.035(0.9)
.028(0.7)
.012(0.3)
Max
.028(0.7)
.012(0.3)
2
1
3
Peak Pulse Current
ICM
-2
A
Base-Emitter Saturation Voltage (1)
-
Low equivalent on-resistance
Marking: 591


Similar Part No. - FMMT591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT591 ZETEX-FMMT591 Datasheet
130Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT591 BILIN-FMMT591 Datasheet
244Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT591 KEXIN-FMMT591 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Weitron Technology
FMMT591 WEITRON-FMMT591 Datasheet
239Kb / 4P
General Purpose Transistor PNP Silicon
logo
Rectron Semiconductor
FMMT591 RECTRON-FMMT591 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results

Similar Description - FMMT591

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT1015 DCCOM-DMBT1015 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT2907A DCCOM-DMBT2907A Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SA673 DCCOM-2SA673 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com