Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC4245AL Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74LVC4245AL
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245AL Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LVC4245AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PI74LVC4245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
4
P-0.2
08/11/03
ADVANCE INFORMATION
DC Electrical Characteristics (Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified)
B-Port (3.3V)
Notes:
5. All typical values are measured at VCCB = 3.3V, TA = 25°C
6. For I/O ports, the parameter IOZ includes the input leakage current.
7. This is the increase in supply current for each input that is at one of the specified voltage levels, rather than 0V or the associated VCC.
Parameters Description
Test Conditions
VCCA
VCCB
Min.
Typ. Max. Units
VOH
Minimum High
Level Output Volt-
age
IOH = –100µA
4.5V to 5.5V
2.7V to 3.6V
VCC
–0.1
V
IOH = –12mA
4.5V to 5.5V
2.7V
2.2
2.56
4.5V to 5.5V
3V
2.4
2.85
IOH = –24mA
4.5V to 5.5V
3V
2
2.70
VOL
Maximum Low
Level Output Volt-
age
IOL = 100µA
4.5V to 5.5V
2.7V to 3.6V
0.1
IOL = 12mA
4.5V to 5.5V
2.7V
0.09
0.4
IOL = 24mA
4.5V to 5.5V
3V
0.18
0.5
IOZ(6)
Maximum 3-State
Output Leakage
Current (B port)
VO = VCCB or GND
4.5V to 5.5V
3.6V
±5
µA
ICCB
Quiescent VCCB
Supply Current
VI = VCCB or GND,
IO = 0
4.5V to 5.5V
3.6V
10
∆ICCB(7)
ICCB per input
One Input at VCCB
–0.6V, other inputs
at VCCB or GND
4.5V to 5.5V
2.7V to 3.6V
50
CIO
Input/Output Ca-
pacitance (B port)
VO = VCCB or GND
4.5V to 5.5V
3.3V
9.7
pF
Capacitance (VCCA = 4.5V to 5.5V, VCCB = 2.7V to 3.6V, TA = 25°C)
Notes:
7. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no
output loading and operating at 50% duty cycle, CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) +(ICC static)
Parameters
Description
Test Conditions
Typ.
Units
CPD
Power Dissipation Capaci-
tance (7)
Outputs Enabled
CL = 0pF, f = 10 MHz
20
pF
Outputs Disabled
2.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com