Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC4245AS Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LVC4245AS
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245AS Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LVC4245AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245AS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PI74LVC4245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
5
P-0.2
08/11/03
ADVANCE INFORMATION
Parameters
From
(Input)
To
(Output)
VCCA =5V ± 0.5V,VCCB = 2.7V to 3.6V
Units
CL = 50pF, RL = 500Ω
Min.
Max.
tPHL
A
B
1
5.7
ns
tPLH
1
5.5
tPHL
B
A
1
6.1
tPLH
1
5.9
tPZL
OE
A
1
8
tPZH
1
7.6
tPZL
OE
B
1
8
tPZH
1
7.7
tPLZ
OE
A
1
6.2
tPHZ
1
5.8
tPLZ
OE
B
1
7
tPHZ
1
6.8
tSK(O)
Output-to-Output Skew(8)
1.5
AC Electrical Characteristics
(Over Recommended Operating Free-Air Temperature Range unless otherwise noted, See Figure 1 and 2)
Power- Up Considerations
To avoid excessive supply current, bus contention or oscillation during power-up, the following guidelines should be followed:
1. Connect ground first before any supply voltage is applied.
2. Then Power up VCCA, which is the control side of the device.
3. Ramp OE ahead of or with VCCA to help prevent bus contention
4. Ramp DIR with VCCA if DIR HIGH is needed (A bus to B bus). Otherwise keep DIR LOW.
Note:
8. Skew between any two outputs of the same device, switching in the same direction. Parameter guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com