Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2310NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2310NSA
Description  N-Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2310NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2310NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2310NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2310NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2310NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2310NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2310NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA=25℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =250µA
60
V
Zero Gate Voltage Drain Current
IDSS
VDS =60V,VGS = 0V
1
µA
Gate-Body Leakage Current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate Threshold Voltage
Note3
VGS(th)
VDS =VGS, ID =250µA
1
2
.5
V
Drain-Source On-Resistance
Note3
RDS(on)
VGS =10V, ID =3A
70
105
mΩ
VGS =4.5V, ID =3A
82
125
Forward Tranconductance
Note3
gFS
VDS =15V, ID =2A
1.4
2.5
S
Dynamic
Characteristics
Input Capacitance
Ciss
VDS =30V,VGS =0V,f =1MHz
250
pF
Output Capacitance
Coss
26
Reverse Transfer Capacitance
Crss
20
Switching CharacteristicsS
Total Gate Charge
Qg
VDS =30V,VGS =4.5V,ID =3A
7
nC
Gate-Source Charge
Qgs
1.2
Gate-Drain Charge
Qgd
1.5
Turn-On Delay Time
td(on)
VGS=10V,VDD=30V,ID=1.5A,RGEN=1Ω
6.5
ns
Turn-On Rise Time
tr
15.2
Turn-Off Delay Time
td(off)
15.2
Turn-Off Fall Time
tf
10.3
Source-Drain Diode characteristics
Body Diode Voltage
VSD
IS=3A,VGS=0V
0.8
1.2
V
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤300μs, Duty Cycle≤0.5%.
PJM2310NSA
N- Enhancement Mode Field Effect Transistor
2 / 6
www.pingjingsemi.com
Revision:1.1 Jan-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com