Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder, HITAG 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF7936AS Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Philips Semiconductors
Product Profile
PCF7936AS
July 1998
Security Transponder, HITAG 2
Features
• Programmable Security Transponder
• 64/32 bit mutual authentication
• 32 bit unique device dentification number
• 48 bit Secret Key
• Fast authentication, 39 ms
• 128 bit non-volatile user memory (EEPROM)
• EEPROM access in plain or cipher mode
• EEPROM read/write protection capabilities
• Read Only modes for downward compatibility
• Excellent device sensitivity in read and write
mode, 35
µT
• 20 year EEPROM data retention
• Leadless stick shaped plastic package
General Description
The PCF7936, HITAG 2 is a programmable Security
Transponder employing mutual authentication ideally
suited for contactless authentication and memory
access between a basestation and the transponder.
The transponder meets the security and performance
requirements of modern vehicle immobiliser
applications. Excellent device sensitivity (large
distance) and short authentication time ensure easy
application and outstanding system performance.
The transponder provides 256 bit of non-volatile
memory (EEPROM) from which 128 bit are reserved
for user data storage. User data and configuration data
may be exchanged in cipher mode for advanced pre-
personalisation techniques. Memory access flags
support read and/or write protection of data.
The device performs a fast mutual authentication
algorithm, employing a Random Number, Secret Key
and Passwords. In addition the HITAG 2 features a
factory programmed 32 bit unique identification number
to enable unambiguously device identification.
The HITAG 2 features two Read Only modes for
downward compatibility with common Read Only
systems.
The transponder power supply and system clock is
derived from the magnetic component of the RF field
generated by the basestation. Due to low power
consumption the HITAG 2 provides excellent sensitivity
in read and write mode.
The transponder is assembled in a small leadless stick
shaped plastic package.
Block Diagram
Stick Package Outline
PCF7936AS
Clock Recovery
Demodulator
Modulator
Rectifier
Voltage Limiter
Power-On Reset
Data Acquisition
EEPROM
Access Control
Calculation Unit
EEPROM
Transponder IC
Control Logic
Contactless Interface
L
C
( without Scale )
Cross Section A-A
A
A
4,9-5,1
1,9-2,1
11,9-12,1
All Dimensions [mm]


Similar Part No. - PCF7936AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF7936AS PHILIPS-PCF7936AS Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
PCF7936AS PHILIPS-PCF7936AS Datasheet
15Kb / 1P
Transponders
PCF7936AS3851 PHILIPS-PCF7936AS3851 Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
PCF7936AS3851C PHILIPS-PCF7936AS3851C Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
More results

Similar Description - PCF7936AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
HITAG 1 stick transponder
2001 Sep 24
HT2DC20S20 NXP-HT2DC20S20 Datasheet
73Kb / 16P
HITAG 2 stick transponder
2001 Oct 01
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
PCF7941ATJ NXP-PCF7941ATJ Datasheet
158Kb / 18P
Security Transponder and RISC Controller
2013 Oct 15
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
HITAG S transponder IC
Rev. 3.1-11 December 2014
PCF7946AT PHILIPS-PCF7946AT Datasheet
19Kb / 1P
Security Transponder plus Remote Keyless Entry
June 1999
PCF7936AS PHILIPS-PCF7936AS Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com