Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM1310CDM Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PXM1310CDM
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXM1310CDM Datasheet(HTML) 4 Page - Infineon Technologies AG

  PXM1310CDM Datasheet HTML 1Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 2Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 3Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 4Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 5Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 6Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 7Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 8Page - Infineon Technologies AG PXM1310CDM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PXE1610C
PDS-PXE1-PXM1-C-001A
4
PXE1610 General Description
The PXE1610 digital dual rail 6+1 phase controller provides power for Intel® VR13 server applications. Core voltage
is provided by a multi-phase buck converter with up to six synchronous-rectified channels in parallel while a single
phase second rail provides voltage for the I/O.
Package Pin Designations
Table 6: PXE1610 Pin Descriptions
Pin #
Name
I/O
Type
Description
1
BPWM1
O
3.3V CMOS
Loop_B phase #1 PWM output. Refer to APWM1 description.
2
APWM6
O
3.3V CMOS
Loop_A phase #6 PWM output. Refer to APWM1 description.
3
APWM5
O
3.3V CMOS
Loop_A phase #5 PWM output. Refer to APWM1 description.
4
APWM4
O
3.3V CMOS
Loop_A phase #4 PWM output. Refer to APWM1 description.
5
APWM3
O
3.3V CMOS
Loop_A phase #3 PWM output. Refer to APWM1 description.
6
APWM2
O
3.3V CMOS
Loop_A phase #2 PWM output. Refer to APWM1 description.
7
APWM1
O
3.3V CMOS
Loop_A phase #1 Pulse Width Modulation (PWM) output. This signal is used
to drive the PWM input of the power stage/FET driver IC. Unused PWM pins
should be left unconnected (floating).
8
SDA
I/O
Open Drain
SMBus/I2C bi-directional serial data signal
9
SCL
I/O
Open Drain
SMBus/I2C bi-directional serial clock signal
10
RESET#
I
3.3V CMOS
RESET# feature allows controller to be put into lowest power dissipation
mode. This pin may be left floating if unused but it is recommended that a
1kΩ pull up to 3.3V be used if this signal is connected to a trace on the board.
PXE1610A
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
VD12
VDD
IINSEN
VINSEN
XADDR1
ATSEN
BTSEN
XADDR2
MP4
MP3
BISEN1
BIREF1
VRHOT#
PINALRT#
MP0
MP1
VCLK
VDIO
VALRT#
MP2
AVSEN
AVREF
AIREF1
AISEN1
PXE1610
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com