Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440XMT Datasheet(PDF) 45 Page - Microsemi Corporation

Part # VSC7440XMT
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440XMT Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button VSC7440XMT Datasheet HTML 41Page - Microsemi Corporation VSC7440XMT Datasheet HTML 42Page - Microsemi Corporation VSC7440XMT Datasheet HTML 43Page - Microsemi Corporation VSC7440XMT Datasheet HTML 44Page - Microsemi Corporation VSC7440XMT Datasheet HTML 45Page - Microsemi Corporation VSC7440XMT Datasheet HTML 46Page - Microsemi Corporation VSC7440XMT Datasheet HTML 47Page - Microsemi Corporation VSC7440XMT Datasheet HTML 48Page - Microsemi Corporation VSC7440XMT Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
28
mapping to a logical port number is configured in ANA_CL:PORT:PORT_ID_CFG.LPORT_NUM and
REW::PORT_CTRL.ES0_LPORT_NUM.
3.5
SERDES1G
The SERDES1G is a high-speed SerDes interface that can operate at 1.25 Gbps (SGMII/SerDes,
1000BASE-KX). In addition, 100 Mbps (100BASE-FX) is supported by oversampling.
The SERDES1G supports the configuration of several parameters for increased performance in the
specific application environment. The features include:
•
Baudrate support 1.25 Gbps
•
Programmable loop bandwidth and phase regulation behavior for clock and data recovery unit
(CDR)
•
Input buffer (IB) and output buffer (OB) configurations supporting:
IB Signal Detect/Loss of Signal (LOS) options
IB equalization (including corner frequency configuration)
OB selectable de-emphasis
OB amplitude drive levels
OB slew rate control
3.6
SERDES6G
The SERDES6G is a high-speed SerDes interface, which can operate at the following data rates.
•
1.25 Gbps (SGMII/SerDes 1000BASE-KX)
•
2.5 Gbps
•
100 Mbps (100BASE-FX) is supported by oversampling.
The SERDES6G supports the configuration of several parameters for increased performance in the
specific application environment. Features include:
•
Configurable baud rate support from 1.25 Gbps to 2.5 Gbps.
•
Programmable loop bandwidth and phase regulation behavior for clock and data recovery unit
(CDR)
•
Phase-synchronization of transmitter when used in multilane aggregates for low skew between
lanes
•
Input buffer (IB) and output buffer (OB) configurations supporting:
IB signal detect and loss of signal (LOS) options
IB adaptive equalization
OB programmable de-emphasis, 3 taps
OB amplitude drive levels
OB slew rate control
•
Loopbacks for system diagnostics
3.7
SERDES10G
The SERDES10G is a high-speed SERDES interface, which can operate from 1.25 Gbps up to
11.5 Gbps. Due to its frequency synthesizer, any data rate between these limits are supported. 100 Mbps
(100MBASE-FX) is supported by oversampling.
The SERDES10G supports the configuration of several parameters for increased performance in the
specific application environment. The features include the following:
•
Configurable baud rate support from 1.25 Gbps to 11.5 Gbps
•
Programmable CDR loop filter bandwidth and phase regulation behavior for receiver
•
Programmable offset and phase adjustment of sampling stage
•
Transmitter to receiver synchronization including programmable jitter filtering/attenuation (< 0.01 Hz)
•
I/O buffer configurations supporting:
IB signal detect and loss of signal (LOS) options
IB adaptive equalization with high performance CTLE and 4-tap DFE
OB programmable de-emphasis, 3 taps
OB configurable amplitude drive levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com