Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13761 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13761
Description  Socket with press fit interface.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13761 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13761 Datasheet HTML 1Page - Ledil, Inc. C13761 Datasheet HTML 2Page - Ledil, Inc. C13761 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C13761_PF-SOCKET-CXA15
PF-SOCKET-CXA15
Socket with press fit interface. Compatible with
MIRELLA-PF and BARBARA-PF for CREE CXA/B
15xx.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 38.0 mm
Height
2.3 mm
Fastening
glue, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
PF-SOCKET-CXA15
Base part
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13761_PF-SOCKET-CXA15
» Box size: 480 x 280 x 300 mm
4608
128
32
7.0
Last update: 08/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C13761

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13761 CREE-C13761 Datasheet
212Kb / 3P
Mirella series
More results

Similar Description - C13761

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
304-11-118-41-770000 MILL-MAX-304-11-118-41-770000 Datasheet
133Kb / 3P
Interconnect Socket Solderless Press-Fit Socket
304-11-121-41-770000 MILL-MAX-304-11-121-41-770000 Datasheet
133Kb / 3P
Interconnect Socket Solderless Press-Fit Socket
304-11-125-41-770000 MILL-MAX-304-11-125-41-770000 Datasheet
133Kb / 3P
Interconnect Socket Solderless Press-Fit Socket
304-11-129-41-770000 MILL-MAX-304-11-129-41-770000 Datasheet
133Kb / 3P
Interconnect Socket Solderless Press-Fit Socket
304-11-131-41-770000 MILL-MAX-304-11-131-41-770000 Datasheet
133Kb / 3P
Interconnect Socket Solderless Press-Fit Socket
logo
Ledil, Inc.
C13083 LEDIL-C13083 Datasheet
3Mb / 3P
Socket with press fit interface
C13708 LEDIL-C13708 Datasheet
3Mb / 3P
Socket with press fit interface
C13709 LEDIL-C13709 Datasheet
2Mb / 3P
Socket with press fit interface
C14037 LEDIL-C14037 Datasheet
6Mb / 3P
Socket with press fit interface
C14115 LEDIL-C14115 Datasheet
1Mb / 3P
Socket with press fit interface
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com