Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7872RPDB Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7872RPDB
Description  14-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7872RPDB Datasheet(HTML) 2 Page - Maxwell Technologies

  7872RPDB Datasheet HTML 1Page - Maxwell Technologies 7872RPDB Datasheet HTML 2Page - Maxwell Technologies 7872RPDB Datasheet HTML 3Page - Maxwell Technologies 7872RPDB Datasheet HTML 4Page - Maxwell Technologies 7872RPDB Datasheet HTML 5Page - Maxwell Technologies 7872RPDB Datasheet HTML 6Page - Maxwell Technologies 7872RPDB Datasheet HTML 7Page - Maxwell Technologies 7872RPDB Datasheet HTML 8Page - Maxwell Technologies 7872RPDB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
14-Bit A/D Converter
7872
5.21.02 Rev 4
TABLE 1. 7872 PIN DESCRIPTION
PIN
SIGNAL
DESCRIPTION
1
CONTROL
Control Function
2CONVST
Convert Start
3
CLK
Clock Input
4SSTRB
Serial Strobe
5
SCLK
Serial Clock
6
SDATA
Serial Data
7
NC
Non Connect
8
DGND
Digital Ground
9V
DD
Positive Supply
10
NC
No Connect
11
C
REF
Reference Capacitor
12
AGND
Analog Ground
13
REF
OUT
Voltage Reference Output
14
V
IN
Analog Input
15
V
SS
Negative Supply
16
V
DD
Positive Supply
TABLE 2. 7872 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Positive Supply Voltage; Relative to GND
V
DD
-0.3
7.0
V
Negative Supply Voltage; Relative to GND
V
SS
0.3
7.0
V
AGND to DGND; Relative to GND
--
-0.3
V
DD +0.3
V
REF
OUT, CREF to AGND
--
0
V
DD
V
V
IN to AGND
--
V
SS -0.3
V
DD +0.3
V
Digital Input Voltage
V
IN
-0.3
V
DD +0.3
V
Digital Output Voltage
V
OUT
-0.3
V
DD +0.3
V
Thermal Impedance
Θ
JC
--
2.44
°C/W
Storage Temperature Range
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com