Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F17250 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F17250
Description  Reel with solder clips compatible with TINA-SC and LEILA-SC lenses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F17250 Datasheet(HTML) 1 Page - Ledil, Inc.

  F17250 Datasheet HTML 1Page - Ledil, Inc. F17250 Datasheet HTML 2Page - Ledil, Inc. F17250 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
F17250_SOLDER-CLIP-A
SOLDER-CLIP-A
Reel with solder clips compatible with TINA-SC
and LEILA-SC lenses
TECHNICAL SPECIFICATIONS:
Dimensions
5.0 x 4.0 mm
Height
5 mm
Fastening
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
SOLDER-CLIP-A
Accessory
Stainless steel
metal
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F17250_SOLDER-CLIP-A
» Box size: 400 x 300 x 300 mm
30100
2150
2150
7.8
Last update: 05/08/2020
Subject to change without prior notice
Published: 05/08/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - F17250

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
F17250B MTRONPTI-F17250B Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
F17250BD MTRONPTI-F17250BD Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
F17250BD-R MTRONPTI-F17250BD-R Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
F17250BDM MTRONPTI-F17250BDM Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
F17250BDM-R MTRONPTI-F17250BDM-R Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
More results

Similar Description - F17250

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
1310nm SC TOSA with FP laser
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
Duplex MMF Coupler (SC-SC)
logo
Cherry Semiconductor Co...
G81-8040LUVEU-0 CHERRY-G81-8040LUVEU-0 Datasheet
155Kb / 2P
PC/SC and EMV 2000 Compatible
logo
Pasternack Enterprises,...
PE4231 PASTERNACK-PE4231 Datasheet
318Kb / 3P
SC Male Connector Crimp/Solder Attachment
PE4232 PASTERNACK-PE4232_16 Datasheet
354Kb / 3P
SC Male Connector Crimp/Solder Attachment
PE4322 PASTERNACK-PE4322_16 Datasheet
322Kb / 3P
SC Female Connector Solder Attachment
PE4519 PASTERNACK-PE4519_16 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
PE4520 PASTERNACK-PE4520_16 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
logo
Molex Electronics Ltd.
1061162400 MOLEX1-1061162400 Datasheet
50Kb / 1P
SC Metal Adapter with Phosphor Bronze Sleeve
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com