Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP15947 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP15947
Description  Version compatible with COBs of 12 x 15 mm packages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15947 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP15947 Datasheet HTML 1Page - Ledil, Inc. FP15947 Datasheet HTML 2Page - Ledil, Inc. FP15947 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
FP15947_HEKLA-G
HEKLA-G
Version compatible with COBs of 12 x 15 mm
packages and max 10 mm LES size
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 44.0 mm
Height
5.5 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HEKLA-PIC-A
Assembly
HEKLA-SOCKET-G
Base part
PBT
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP15947_HEKLA-G
» Box size: 480 x 280 x 165 mm
Base part
1350
45
45
8.3
Last update: 17/07/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - FP15947

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP15947_HEKLA-G LEDIL-FP15947_HEKLA-G Datasheet
413Kb / 4P
Konntakt Base part
More results

Similar Description - FP15947

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15848 LEDIL-F15848 Datasheet
797Kb / 2P
Version compatible with COBs of 12 x 15 mm packages and max 10 mm LES size
F14988 LEDIL-F14988 Datasheet
2Mb / 3P
Version compatible with COBs of 15.8 x 15.8 mm packages
F15256 LEDIL-F15256 Datasheet
2Mb / 3P
Version compatible with COBs of 15.85 x 15.85mm packages
F17436 LEDIL-F17436 Datasheet
1Mb / 3P
Version compatible with COBs of 15.85 x 15.85mm packages and max
F17437 LEDIL-F17437 Datasheet
2Mb / 3P
Version compatible with COBs of 16 x 19 mm packages
F17438 LEDIL-F17438 Datasheet
2Mb / 3P
Version compatible with COBs of 19 x 19 mm packages
F17439 LEDIL-F17439 Datasheet
1Mb / 3P
Version compatible with COBs of 13.35 x 13.35 mm packages
FP15948 LEDIL-FP15948 Datasheet
3Mb / 3P
Version compatible with COBs of 16 x 19 mm packages
FP15949 LEDIL-FP15949 Datasheet
5Mb / 3P
Version compatible with COBs of 19 x 19 mm packages
FP15957 LEDIL-FP15957 Datasheet
5Mb / 3P
Version compatible with COBs of 13.35 x 13.35mm packages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com