Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-521.2PA Datasheet(PDF) 2 Page - Recom International Power

Part # R-521.2PA
Description  INNOLINE DC/DC-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-521.2PA Datasheet(HTML) 2 Page - Recom International Power

  R-521.2PA Datasheet HTML 1Page - Recom International Power R-521.2PA Datasheet HTML 2Page - Recom International Power R-521.2PA Datasheet HTML 3Page - Recom International Power R-521.2PA Datasheet HTML 4Page - Recom International Power R-521.2PA Datasheet HTML 5Page - Recom International Power R-521.2PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics
Conditions
Min.
Typ.
Max.
Output Voltage Range
All Series
0.8
6.0V
Output Current
R-52xxPA/DA
0.2
2.0A
R-53xxPA/DA
0.3
3.0A
R-54xxPA/DA
0.4
4.0A
R-55xxPA/DA
0.5
5.0A
Output Current Limit
R-52xxPA/DA
2.5
3.0A
R-53xxPA/DA
3.75
4.25A
R-54xxPA/DA
5.0
5.5A
R-55xxPA/DA
6.0
6.5A
Short Circuit Input Current
All Series
50mA
Output Voltage Accuracy
At 100% Load
All Series
±1%
±2%
Line Voltage Regulation (Vin = min. to max. at full load)
R-52xxPA/DA
0.25
0.5%
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
0.5
1.0%
Load Regulation (10 to 100% full load)
R-52xxPA/DA
0.5
1.0%
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
1.0
2.0%
Ripple & Noise
R-52xxPA/DA
40mVp-p
70mVp-p
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
80mVp-p
120mVp-p
Transient Response (see note 1)
50% Load Change
100µS
200µs
Vout Over / Undershoot
100mV
Remote ON / OFF (see note 2)
Open or High (Power ON)
4.5
18V
(positive logic)
Low (Power OFF)
0.8V
Remote Off Input Current
Remote ON/OFF low level
100µA
Switching Frequency
270
300
330kHz
Quiescent Current
Vin = min. to max. at 0% load
20mA
Operating Temperature Range
-40°C
+85°C
Storage Temperature Range
-40°C
+125°C
Internal Power Dissipation
Io x Vo x (1-Efficiency)
1.4W
MTBF (Nominal Vout, 100% load)
Tamb. = +25°C
749kHrs
Tamb. = +85°C
150kHrs
R-5xxxPA_DA
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
Notes:
1. Requires an electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins)
100µF for R-52xxPA/DA, R-53xxPA/DA and R-54xxPA/DA or 220µF for R-55xxPA/DA.
2. ON / OFF pin driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET.
3. Output Current vs. Input Voltage (see graph below).
www.recom-international.com
129
24-August-2005



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com