Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16629 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16629
Description  Sublens for very narrow oval beam
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16629 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16629 Datasheet HTML 1Page - Ledil, Inc. F16629 Datasheet HTML 2Page - Ledil, Inc. F16629 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
F16629_LEIA-SUB-O
LEIA-SUB-O
Sublens for very narrow oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
47.8 mm
Height
3.6 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LEIA-SUB-O
Sublens
PMMA
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F16629_LEIA-SUB-O
» Box size: 398 x 298 x 140 mm
1000
40
40
5.7
Last update: 05/08/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - F16629

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16602 LEDIL-F16602 Datasheet
4Mb / 4P
~60째 wide beam
F16603 LEDIL-F16603 Datasheet
4Mb / 4P
~30째 60째 oval beam
F16636 LEDIL-F16636 Datasheet
5Mb / 6P
~60째 90째 beam
More results

Similar Description - F16629

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-6FS OPTODIODE-OD-6FS Datasheet
268Kb / 1P
VERY NARROW BEAM IR EMITTERS
logo
Marktech Corporate
MTPS8065PT MARKTECH-MTPS8065PT Datasheet
171Kb / 1P
Narrow Beam Angle
logo
KODENSHI_AUK CORP.
EL341 KODENSHI-EL341 Datasheet
148Kb / 3P
Narrow beam angle
logo
Ledil, Inc.
CP10767 LEDIL-CP10767 Datasheet
3Mb / 4P
~50째 25째 oval beam optimized for Osram Ostar-SMT RGB. Assembly with colour mixing sublens and holder.
CP10945 LEDIL-CP10945_18 Datasheet
2Mb / 4P
~50째 25째 oval beam optimized for CREE MC-E RGB. Assembly with colour mixing sublens and holder.
CP13939 LEDIL-CP13939_18 Datasheet
2Mb / 4P
~50째 24째 oval beam optimized for CREE XM-L RGB. Assembly with colour mixing sublens and holder.
CP15341 LEDIL-CP15341 Datasheet
4Mb / 4P
Oval beam for wall-washing
C16118 LEDIL-C16118 Datasheet
2Mb / 6P
Oval beam for high bay aisles
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
FCN12775 LEDIL-FCN12775 Datasheet
4Mb / 6P
~40째 x 30째 oval beam with sublens and holder optimized for CREE XM-L.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com