Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R410M Datasheet(PDF) 24 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 24 Page - u-blox AG

Back Button SARA-R410M Datasheet HTML 20Page - u-blox AG SARA-R410M Datasheet HTML 21Page - u-blox AG SARA-R410M Datasheet HTML 22Page - u-blox AG SARA-R410M Datasheet HTML 23Page - u-blox AG SARA-R410M Datasheet HTML 24Page - u-blox AG SARA-R410M Datasheet HTML 25Page - u-blox AG SARA-R410M Datasheet HTML 26Page - u-blox AG SARA-R410M Datasheet HTML 27Page - u-blox AG SARA-R410M Datasheet HTML 28Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 24 of 43
4.2.5 LTE RF characteristics
The LTE bands supported by SARA-R4 series modules are defined in the Table 2, while the following
Table 13 describes the Transmitting and Receiving frequencies according to 3GPP TS 36.521-1 [8].
Parameter
Min.
Max.
Unit
Remarks
Frequency range
FDD Band 12 (700 MHz)
Uplink
699
716
MHz
Module transmit
Downlink
729
746
MHz
Module receive
Frequency range
FDD Band 28 (700 MHz)
Uplink
703
748
MHz
Module transmit
Downlink
758
803
MHz
Module receive
Frequency range
FDD Band 13 (700 MHz)
Uplink
777
787
MHz
Module transmit
Downlink
746
756
MHz
Module receive
Frequency range
FDD Band 20 (800 MHz)
Uplink
832
862
MHz
Module transmit
Downlink
791
821
MHz
Module receive
Frequency range
FDD Band 26 (850 MHz)
Uplink
814
849
MHz
Module transmit
Downlink
859
894
MHz
Module receive
Frequency range
FDD Band 18 (850 MHz)
Uplink
815
830
MHz
Module transmit
Downlink
860
875
MHz
Module receive
Frequency range
FDD Band 5 (850 MHz)
Uplink
824
849
MHz
Module transmit
Downlink
869
894
MHz
Module receive
Frequency range
FDD Band 19 (850 MHz)
Uplink
830
845
MHz
Module transmit
Downlink
875
890
MHz
Module receive
Frequency range
FDD Band 8 (900 MHz)
Uplink
880
915
MHz
Module transmit
Downlink
925
960
MHz
Module receive
Frequency range
FDD Band 4 (1700 MHz)
Uplink
1710
1755
MHz
Module transmit
Downlink
2110
2155
MHz
Module receive
Frequency range
FDD Band 3 (1800 MHz)
Uplink
1710
1785
MHz
Module transmit
Downlink
1805
1880
MHz
Module receive
Frequency range
FDD Band 2 (1900 MHz)
Uplink
1850
1910
MHz
Module transmit
Downlink
1930
1990
MHz
Module receive
Frequency range
FDD Band 25 (1900 MHz)
Uplink
1850
1915
MHz
Module transmit
Downlink
1930
1995
MHz
Module receive
Frequency range
FDD Band 1 (2100 MHz)
Uplink
1920
1980
MHz
Module transmit
Downlink
2110
2170
MHz
Module receive
Table 13: LTE operating RF frequency bands
SARA-R4 series modules include a UE Power Class 3 LTE Cat M1 / NB1 transmitter (see Table 2), with
output power and characteristics according to 3GPP TS 36.521-1 [8].
SARA-R4 series modules LTE receiver characteristics are compliant to 3GPP TS 36.521-1 [8], with LTE
conducted receiver sensitivity performance described in Table 14 and Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com