Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R412M Datasheet(PDF) 14 Page - u-blox AG

Part # SARA-R412M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R412M Datasheet(HTML) 14 Page - u-blox AG

Back Button SARA-R412M Datasheet HTML 10Page - u-blox AG SARA-R412M Datasheet HTML 11Page - u-blox AG SARA-R412M Datasheet HTML 12Page - u-blox AG SARA-R412M Datasheet HTML 13Page - u-blox AG SARA-R412M Datasheet HTML 14Page - u-blox AG SARA-R412M Datasheet HTML 15Page - u-blox AG SARA-R412M Datasheet HTML 16Page - u-blox AG SARA-R412M Datasheet HTML 17Page - u-blox AG SARA-R412M Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Interfaces
Page 14 of 43
The USB_D+ / USB_D- lines carry the USB data and signaling, while the VUSB_DET pin represents the
input to enable the USB interface by applying an external valid USB VBUS voltage (5.0 V typical).
☞ The USB interface is available as an AT command / data communication interface only if an
external valid USB VBUS voltage (5.0 V typical) is applied at the VUSB_DET input of the module
since the switch-on of the module, and then held during normal operations. In this case, the UART
will not be available.
☞ If the USB interface is enabled, the module does not enter the low power deep sleep mode: the
external USB VBUS voltage needs to be removed from the VUSB_DET input of the module to let it
enter the Power Saving Mode defined in 3GPP Rel.13.
SARA-R4 series modules provide by default a set of two USB functions:
AT commands and data communication
Diagnostic log
For more details regarding USB configurations / capabilities, see the SARA-R4 series system
integration manual [2].
2.5.3 SPI interface
☞ The SPI interface is not supported by the “00”, “01”, “02”, “52”, “63” and “73” product versions.
SARA-R4 series modules include a Serial Peripheral Interface for communications with compatible
external device.
The SPI interface can be made available as an alternative function, in a mutually exclusive way, over
the digital audio interface pins (I2S_WA / SPI_MOSI, I2S_RXD / SPI_MISO, I2S_CLK / SPI_CLK,
I2S_TXD / SPI_CS).
2.5.4 SDIO interface
☞ The SDIO interface is not supported by “00”, “01”, “02”, “52”, “63” and “73” product versions.
SARA-R4 series modules include a 4-bit Secure Digital Input Output interface (SDIO_D0, SDIO_D1,
SDIO_D2, SDIO_D3, SDIO_CLK, and SDIO_CMD) designed to communicate with external compatible
SDIO devices.
2.5.5 DDC (I2C) interface
☞ The DDC (I2C) interface is not supported by the “00” and “01” product versions.
SARA-R4 series modules include an I2C-bus compatible DDC interface (SDA, SCL) available to
communicate with a u-blox GNSS receiver and with external I2C devices as for example an audio
codec: the SARA-R4 series module acts as an I2C master that can communicate with I2C slaves in
accordance with the I2C-bus specifications [12].
The SDA and SCL pins have internal pull-up to V_INT, so there is no need of additional pull-up resistors
on the external application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com