Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280-AEZG Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 22Page - Microchip Technology USB3280-AEZG Datasheet HTML 23Page - Microchip Technology USB3280-AEZG Datasheet HTML 24Page - Microchip Technology USB3280-AEZG Datasheet HTML 25Page - Microchip Technology USB3280-AEZG Datasheet HTML 26Page - Microchip Technology USB3280-AEZG Datasheet HTML 27Page - Microchip Technology USB3280-AEZG Datasheet HTML 28Page - Microchip Technology USB3280-AEZG Datasheet HTML 29Page - Microchip Technology USB3280-AEZG Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
USB3280
DS00001898A-page 26
 2004 - 2015 Microchip Technology Inc.
8.5
Reset Detection
If a device in HS mode detects bus inactivity for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-up
on the DP line in an attempt to assert a continuous FS J state on the bus. The SIE must then check LINESTATE for the
SE0 condition. If SE0 is asserted at time T2, then the upstream port is forcing the reset state to the device (i.e., a Driven
SE0). The device will then initiate the HS detection handshake protocol.
FIGURE 8-1:
RESET TIMING BEHAVIOR (HS MODE)
TABLE 8-4:
RESET TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
Bus activity ceases, signaling either a reset or
a SUSPEND.
0 (reference)
T1
Earliest time at which the device may place
itself in FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0 +
3.125ms
T2
SIE samples LINESTATE. If LINESTATE =
SE0, then the SE0 on the bus is due to a Reset
state. The device now enters the HS Detection
Handshake protocol.
T1 + 100µs < T2 <
T1 + 875µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com