Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T-IKDXV Datasheet(PDF) 34 Page - Microchip Technology

Part # USB7002T-IKDXV
Description  4-Port SS/HS USB Type-C??PD Smart Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-IKDXV Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB7002T-IKDXV Datasheet HTML 30Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 31Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 32Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 33Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 34Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 35Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 36Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 37Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
USB7002
DS00002670D-page 34
 2018-2019 Microchip Technology Inc.
8.0
FUNCTIONAL DESCRIPTIONS
This section details various USB7002 functions, including:
• Downstream Battery Charging
• Port Power Control
• CC Pin Orientation and Detection
• FlexConnect
• Multi-Host Endpoint Reflector
• USB to GPIO Bridging
• USB to I2C Bridging
• USB to SPI Bridging
• USB to UART Bridging
• Link Power Management (LPM)
• Resets
8.1
Downstream Battery Charging
The device can be configured by an OEM to have any of the downstream ports support battery charging. The hub’s role
in battery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via the PRT_CTLx pins, is on
a per port basis. For example, the OEM can configure two ports to support battery charging through high current power
FETs and leave the other two ports as standard USB ports.
The port control signals are assigned to programmable pins (PFx) and therefore the device must be programmed into
specific configurations to enable the signals. Refer to Section 3.3.4, PF[31:4] Configuration (CFG_STRAP[2:1]) for addi-
tional information.
For detailed information on utilizing the battery charging feature, refer to the application note “USB Battery Charging
with Microchip USB7002 and USB705x Hubs
”, which can be found on the Microchip USB7002 product page www.micro-
chip.com/USB7002.
FIGURE 8-1:
BATTERY CHARGING EXTERNAL POWER SUPPLY
SOC
VBUS[n]
PRT_CTLx
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com