Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM05P30PA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM05P30PA
Description  P-Enhancement Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM05P30PA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM05P30PA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM05P30PA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM05P30PA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM05P30PA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM05P30PA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PJM05P30PA
P-Enhancement Field Effect Transistor
2 / 5
www.pingjingsemi.com
Revision:1.0 Nov-201
9
Electrical Characteristics (TC=25℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, -ID =250µA
30
V
Zero gate voltage drain current
-IDSS
-VDS =30V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage Note3
-VGS(th)
VDS =VGS , -ID =250µA
1
3
V
Drain-source on-resistance Note3
RDS(on)
-VGS =10V, -ID =5.1A
43
55
mΩ
-VGS =4.5V, -ID =4.2A
62
90
mΩ
Forward transconductance Note3
gFS
-VDS =15V, -ID =5.1A
7
S
Dynamic characteristics
Input capacitance
Ciss
-VDS =15V, VGS =0V, f =1MHz
980
pF
Output capacitance
Coss
390
Reverse transfer capacitance
Crss
135
Switching Characteristics
Total gate charge
Qg
-VDS =15V, -VGS =10V, -ID =5.1A
11
nC
Gate-source charge
Qgs
2
Gate-drain charge
Qgd
2.8
Turn-on delay time
td(on)
-VDD=15V, -VGS=10V,
RGEN=6Ω, -ID=1A
14
ns
Turn-on rise time
tr
12
Turn-off delay time
td(off)
56
Turn-off fall time
tf
20
Diode Characteristics
Diode Forward Voltage Note3
-VSD
VGS=0V, -IS=2.1A
1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test : Pulse Width≤300μs, duty cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com