Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM07P20SA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM07P20SA
Description  P Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM07P20SA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM07P20SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM07P20SA
P Enhancement Field Effect Transistor
1 / 6
www.pingjingsemi.com
Revision:1.0 Jun-2019
Features
VDS=-20V, ID=-7A
RDS(on)=30mΩ (Max.)@VGS=-10V
High density cell design for ultra low RDS(ON)
Low gate charge
Applications
Load Switch and in PWM Applications
SOT-23
1
2
Gate
Source
1. Gate 2.Source 3.Drain
Schematic Diagram
Drain
3
Absolute Maximum Ratings
Ratings at TA =25℃ unless otherwise specified.
Parameter
Symbol
Value
Units
Drain-Source Voltage
-VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
-ID
7
A
Power Dissipation
PD
0.9
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Ambient Note1
RθJA
139
°C/W


Similar Part No. - PJM07P20SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM07P20SC PJSEMI-PJM07P20SC Datasheet
1Mb / 7P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - PJM07P20SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2301PSA-S PJSEMI-PJM2301PSA-S Datasheet
1Mb / 7P
P-Enhancement Mode Field Effect Transistor
PJM05P30PA PJSEMI-PJM05P30PA Datasheet
889Kb / 5P
P-Enhancement Field Effect Transistor
PJM10H01PSA PJSEMI-PJM10H01PSA Datasheet
3Mb / 7P
P- Enhancement Mode Field Effect Transistor
PJM10H13PSQ PJSEMI-PJM10H13PSQ Datasheet
1Mb / 7P
P Enhancement Field Effect Transistor
PJM2303PSA PJSEMI-PJM2303PSA Datasheet
1Mb / 7P
P Enhancement Field Effect Transistor
PJM2307PSA PJSEMI-PJM2307PSA Datasheet
1Mb / 6P
P- Enhancement Mode Field Effect Transistor
PJM2319PSA PJSEMI-PJM2319PSA Datasheet
1Mb / 8P
P-Enhancement Field Effect Transistor
PJM3401PSA PJSEMI-PJM3401PSA Datasheet
1Mb / 6P
P-Enhancement Field Effect Transistor
PJM3407BPSA PJSEMI-PJM3407BPSA Datasheet
818Kb / 6P
P Enhancement Field Effect Transistor
PJM3407PSA PJSEMI-PJM3407PSA Datasheet
727Kb / 6P
P Enhancement Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com