Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM07P20SC Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM07P20SC
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM07P20SC Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM07P20SC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM07P20SC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJM07P20SC
P-Channel Enhancement Mode Power MOSFET
www.pingjingsemi.com
2 / 7
Revison:1.0 Oct-2019
Electrical Characteristics (TA=25
℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Static Charactristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0, ID=-250μA
-20
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V, VDS=0
-
-
±100
nA
Gate Threshold Voltage Note3
VGS(th)
VDS=VGS, ID=-250μA
-0.5
-0.7
-1.2
V
Drain-Source On-State Resistance
Note3
RDS(on)
VGS=-4.5V, ID=-6A
-
20
25
mΩ
VGS=-2.5V, ID=-5A
-
30
40
Forward Transconductance Note3
gFS
VDS=-5V, ID=-6A
-
17
-
S
Dynamic Characteristics
Input Capacitance
Ciss
VDS=-9V, VGS=0V,
f=1.0MHz
-
1200
-
pF
Output Capacitance
Coss
-
390
-
pF
Reverse Transfer Capacitance
Crss
-
300
-
pF
Switching Characteristics
Turn-on Delay Time
td(on)
VDD=-6V, ID=-1A ,
RL=6Ω,
VGEN=-4.5V, Rg=6Ω
-
25
-
nS
Turn-on Rise Time
tr
-
45
-
nS
Turn-Off Delay Time
td(off)
-
72
-
nS
Turn-Off Fall Time
tf
-
60
-
nS
Total Gate Charge
Qg
VDS=-6V,
ID=-6A, VGS=-4.5V
-
15
-
nC
Gate-Source Charge
Qgs
-
1.5
-
nC
Gate-Drain Charge
Qgd
-
3.8
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage Note3
VSD
VGS=0V, IS=-5A
-
-
-1.2
V
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com