Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA-R404M-00B Datasheet(PDF) 35 Page - u-blox AG

Part # ARA-R404M-00B
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ARA-R404M-00B Datasheet(HTML) 35 Page - u-blox AG

Back Button ARA-R404M-00B Datasheet HTML 31Page - u-blox AG ARA-R404M-00B Datasheet HTML 32Page - u-blox AG ARA-R404M-00B Datasheet HTML 33Page - u-blox AG ARA-R404M-00B Datasheet HTML 34Page - u-blox AG ARA-R404M-00B Datasheet HTML 35Page - u-blox AG ARA-R404M-00B Datasheet HTML 36Page - u-blox AG ARA-R404M-00B Datasheet HTML 37Page - u-blox AG ARA-R404M-00B Datasheet HTML 38Page - u-blox AG ARA-R404M-00B Datasheet HTML 39Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Product handling & soldering
Page 35 of 43
7.1.2 Tapes
Figure 5 shows the position and the orientation of SARA-R4 series modules as they are delivered on
the tape, while Figure 6 and Table 31 specify the dimensions of the tape.
Pin 1
Sprocket Hole
Feed Direction
Figure 5: Orientation of SARA-R4 series modules on tape
Figure 6: SARA-R4 series modules tape
Parameter
Typical value
Tolerance
Unit
A0
16.8
0.2
mm
B0
26.8
0.2
mm
K0
3.2
0.2
mm
Table 31: SARA-R4 series tape dimensions (mm)
Note 1: 10 sprocket hole pitch cumulative tolerance ± 0.2 mm.
Note 2: pocket position relative to sprocket hole is measured as true position of pocket, not pocket
hole.
Note 3: A0 and B0are calculated on a plane at a distance “R” above the bottom of the pocket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com