Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM10H03NSC Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM10H03NSC
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM10H03NSC Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM10H03NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H03NSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
3
A
Drain Current-Pulsed Note1
IDM
30
A
Maximum Power Dissipation
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
150,-55 to 150
℃
Thermal Resistance,Junction-to-Ambient Note2
RθJA
83
℃
/
W
PJM10H03NSC
N-Channel Enhancement Mode Power MOSFET
1 / 7
1
2
Gate
Source
3Drain
Applications
Power switching application
Uninterruptible power supply
Features
VDS = 100V,ID = 3A
RDS(ON) < 160mΩ(Typ.) @ VGS = 10V
RDS(ON) < 170mΩ(Typ.) @ VGS = 4.5V
High density cell design for ultra low RDS(on)
Excellent package for good heat dissipation
Schematic diagram
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Thermal Characteristics
www.pingjingsemi.com
Revision:1.0 Feb-2019
1. Gate 2.Source 3.Drain
Marking: 0103C
SOT-23-3
2
1
3


Similar Part No. - PJM10H03NSC

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM10H03NSA PJSEMI-PJM10H03NSA Datasheet
2Mb / 7P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - PJM10H03NSC

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com