Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM20H02NSC Datasheet(PDF) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM20H02NSC
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM20H02NSC Datasheet(HTML) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM20H02NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM20H02NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM20H02NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM20H02NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM20H02NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM20H02NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PJM20H02NSC
N- Enhancement Mode Field Effect Transistor
6 / 6
Package Specifications
www.pingjingsemi.com
Revision:1.0 Jun-2019
Symbol
B
C
Ø 54.5±0.2
12.3±0.3
D
9.6+2/-0.3
T1
1.0±0.2
T2
1.2±0.2
N
3.15±0.1
G
1.22±0.1
A
Value (unit: mm)
E
Ø 177.8±1
F
2.7±0.2
Ø 13.5±0.2
B
B
Tape (8mm)
1.10±0.10
1.55±0.05
2.00±0.05
4.00±0.10
4.00±0.10
B-B
0.46
0.2
0.25±0.02
(T)
1.40±0.10
(Ko)
N
Pin1
SOT-23-3
30,000 pcs per box
10 reels per box
120,000 pcs per carton
4 boxes per carton
3,000 pcs per reel
Reel (7'')
455
240
220
217
A
B
C
E
F
T1
D
T2
Cover Tape
Carrier Tape
600
1000
1900
2000
2900
3000
PS
2. Tape and reel data(7inch Units:mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com