Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM30P30DI Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM30P30DI
Description  P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM30P30DI Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM30P30DI Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM30P30DI Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM30P30DI Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM30P30DI Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJM30P30DI
P-Channel Power MOSFET
www.pingjingsemi.com
1 / 4
Revision:1.0 Dec-2018
Absolute Maximum Ratings
Ratings at TC =25℃ unless otherwise specified.
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
-VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
-ID
30
A
Pulsed Drain Current Note1
-IDM
80
A
Power Dissipation
PD
35
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Case Note2
RθJC
3.57
°C/W
RDS(ON) = 11.5mΩ @ VGS=-10V (Typ.)
High density cell design for ultra low RDS(on)
Fully characterized avalanche voltage and current
DFN3.3X3.3-8L
Schematic Diagram
Features
Applications
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
S
S
S
G
D
D
D
D
3
1
2
Gate
Source
Drain


Similar Part No. - PJM30P30DI

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM3018NSA PJSEMI-PJM3018NSA Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
More results

Similar Description - PJM30P30DI

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com