Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM35N30DI Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM35N30DI
Description  N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM35N30DI Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM35N30DI Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM35N30DI Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM35N30DI Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM35N30DI Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJM35N30DI
N-Channel Power MOSFET
www.pingjingsemi.com
1 / 4
Revision:1.0 Dec-2018
Absolute Maximum Ratings
Ratings at TC =25℃ unless otherwise specified.
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
35
A
Pulsed Drain Current Note1
IDM
120
A
Power Dissipation
PD
35
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Case Note2
RθJC
3.6
°C/W
RDS(ON) =
4.7mΩ @ VGS=10V (Typ.)
High density cell design for ultra low RDS(on)
Fully characterized avalanche voltage and current
DFN3.3X3.3-8L
Schematic Diagram
Features
Applications
⚫
Power switching application
⚫
Hard switched and high frequency circuits
⚫
Uninterruptible power supply
S
S
S
G
D
D
D
D
1
2
Gate
Source
3Drain


Similar Part No. - PJM35N30DI

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM3018NSA PJSEMI-PJM3018NSA Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM30P30DI PJSEMI-PJM30P30DI Datasheet
762Kb / 4P
P-Channel Power MOSFET
PJM3222DNSG PJSEMI-PJM3222DNSG Datasheet
1Mb / 5P
Dual N-Channel MOSFET
PJM3400NSA PJSEMI-PJM3400NSA Datasheet
4Mb / 8P
N- Enhancement Mode Field Effect Transistor
PJM3400NSC PJSEMI-PJM3400NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results

Similar Description - PJM35N30DI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com