Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM80H04NTD Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM80H04NTD
Description  Silicon N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM80H04NTD Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM80H04NTD Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM80H04NTD Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM80H04NTD Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM80H04NTD Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM80H04NTD Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM80H04NTD Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM80H04NTD
Silicon N-Channel Power MOSFET
Features
⚫
Fast Switching
⚫
Low Gate Charge and RDS(on)
⚫
Low Reverse Transfer Capacitances
TO-251
Applications
Schematic diagram
Absolute Maximum Ratings
Ratings at TC = 25℃ unless otherwisespecified.
Parameter
Symbol
Value
Units
Drain-to-Source Voltage
VDS
800
V
Gate-to-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
4
A
TC = 100℃
2.5
Pulsed Drain Current Note1
IDM
16
A
Power Dissipation
PD
70
W
Operating Junction Temperature
TJ
150
℃
Storage TemperatureRange
TSTG
–55 to 150
℃
Thermal Characteristics
Parameter
Symbol
Value
Units
Thermal Resistance, Junction-to-Case
RθJC
1.78
℃/
W
Thermal Resistance, Junction-to-Ambient
RθJA
60
℃/
W
www.pingjingsemi.com
Revision:1.0 Nov-2018
1 / 6
⚫
Power switch circuit of adaptor and Charger
1
3
Gate
Source
2 Drain
G
D
S
Single Pulse Avalanche Energy Note 2
EAS
650
mJ


Similar Part No. - PJM80H04NTD

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM80H04NTE PJSEMI-PJM80H04NTE Datasheet
1Mb / 6P
N-Channel Power MOSFET
PJM80H04NTF PJSEMI-PJM80H04NTF Datasheet
696Kb / 5P
Silicon N-Channel Power MOSFET
More results

Similar Description - PJM80H04NTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com