Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2301PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2301PSA
Description  P- Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2301PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2301PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
PJM2301PSA
P- Enhancement Mode Field Effect Transistor
Electrical Characteristics
TA=25℃ unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
-V(BR)DSS
VGS = 0 V, ID = - 250 µA
20
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
±100
nA
VDS = - 20 V, VGS = 0 V
1
µA
Drain-Source On-State Resistance
Note3
RDS(on)
VGS = - 4.5 V, ID = - 2.8 A
78
110
mΩ
VGS = - 2.5 V, ID = - 2 A
102
140
Forward Transconductance Note3
gFS
VDS = - 5 V, ID = - 2.8 A
2
S
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V,
f = 1 MHz
405
pF
Output Capacitance
Coss
75
Reverse Transfer Capacitance
Crss
55
Total Gate Charge
Qg
VDS = -10V, VGS= -4.5V, ID= -2.8A
5.5
10
nC
VDS = - 10 V, VGS = - 2.5 V,
ID = - 2.8 A
3.3
6
Gate-Source Charge
Qgs
0.7
Gate-Drain Charge
Qgd
1.3
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID = - 1 A, VGEN = - 4.5 V,
RG = 1 Ω
20
ns
Rise Time
tr
35
60
Turn-Off Delay Time
td(off)
30
50
Fall Time
tf
10
20
Continuous Source-Drain Diode Current
-IS
1.3
A
Pulse Diode Forward Current Note1
-ISM
10
Body Diode Voltage
-VSD
IS = - 1 A
0.5
1.2
V
11
Zero Gate Voltage Drain Current
-IDSS
Gate-Source Threshold Voltage Note3
-VGS(th)
VDS = VGS, ID = - 250 µA
0.4
1
V
Static Characteristics
Dynamic characteristics
Source-Drain Diode characteristics
Switching Characteristics
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
www.pingjingsemi.com
Revision:3.0 Mar-2020



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com