Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2302NSC Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2302NSC
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2302NSC Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2302NSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PJM2302NSC
N- Enhancement Mode Field Effect Transistor
3 / 7
Typical Characteristics Curves
www.pingjingsemi.com
Revision:1.0 Jun-2019
Vgs
Rgen
Vin
G
Vdd
R
I
Vout
S
D
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
V
IN
IN
V
V
OUT
OUT
10
10%
%
10
10%
%
50
50%
%
50
50%
%
P
PU
UL
LSE WID
SE WIDT
TH
H
IN
INVER
VERT
TE
ED
D
tt
d(
d(on
on))
90
90
90%
%
%
tt
rr
tt
on
on
90
90%
%
10
10%
%
tt
off
off
tt
d(of
d(off)
f)
tt
ff
90
90%
%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com